Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3342 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE3342 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE3342
Download  PE3342 Download

File Size   277.51 Kbytes
Page   17 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 2.7 GHz Integer-N PLL with Field-Programmable EEPROM Features

PE3342 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE3342 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE3342
Download  PE3342 Click to download

File Size   277.51 Kbytes
Page   17 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 2.7 GHz Integer-N PLL with Field-Programmable EEPROM Features

PE3342 Datasheet (HTML) - Peregrine Semiconductor Corp.

Back Button PE3342 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 10Page - Peregrine Semiconductor Corp. Next Button 

PE3342 Product details

Product Description

Peregrine’s PE3342 is a high performance integer-N PLL with embedded EEPROM capable of frequency synthesis up to 2700 MHz with a speed-grade option to 3000 MHz. The EEPROM allows designers to permanently store control bits, allowing easy configuration of self-starting synthesizers. The superior phase noise performance of the PE3342 is ideal for applications such as wireless base stations, fixed wireless, and RF instrumentation systems.



Features

• Field-programmable EEPROM for self starting applications

• Standard 2700 MHz operation, 3000 MHz speed-grade option

• ÷10/11 dual modulus prescaler

• Internal phase detector

• Serial programmable

• Low power — 20 mA at 3 V

• Ultra-low phase noise

• Available in 24-lead TSSOP or 20-lead 4x4 mm QFN package




Similar Part No. - PE3342

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE33420 PASTERNACK-PE33420 Datasheet
265Kb / 1P
   CABLE ASSEMBLY RG405/U SMA MALE TO TNC MALE
PE33420LF PASTERNACK-PE33420LF Datasheet
274Kb / 1P
   Cable Assembly
PE33421 PASTERNACK-PE33421 Datasheet
102Kb / 1P
   Cable Assembly
PE33421LF PASTERNACK-PE33421LF Datasheet
300Kb / 1P
   CABLE ASSEMBLY RG179B/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE BULKHEAD(LEAD FREE)
PE33423 PASTERNACK-PE33423 Datasheet
102Kb / 1P
   CABLE ASSEMBLY RG216/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE BULKHEAD
More results


Similar Description - PE3342

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3341 PEREGRINE-PE3341 Datasheet
280Kb / 17P
   2700 MHz Integer-N PLL with Field-Programmable EEPROM Features
logo
National Semiconductor ...
LMX2471 NSC-LMX2471 Datasheet
458Kb / 36P
   3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
logo
Analog Devices
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
logo
National Semiconductor ...
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
logo
Hittite Microwave Corpo...
HMC1031MS8E HITTITE-HMC1031MS8E Datasheet
1Mb / 10P
   CLOCK GENERATOR WITH INTEGER-N PLL
logo
Texas Instruments
TRF3761 TI-TRF3761_07 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com