Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3512 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE3512 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE3512
Download  PE3512 Download

File Size   224.54 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler

PE3512 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE3512 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE3512
Download  PE3512 Click to download

File Size   224.54 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler

PE3512 Datasheet (HTML) - Peregrine Semiconductor Corp.

PE3512 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE3512 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE3512 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE3512 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE3512 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE3512 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE3512 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE3512 Datasheet HTML 8Page - Peregrine Semiconductor Corp.

PE3512 Product details

Product Description
The PE3512 is a high-performance static UltraCMOS™ prescaler with a fixed divide ratio of 4. Its operating frequency range is DC to 1500 MHz. The PE3512 operates on a nominal 3 V supply and draws only 8 mA. The input and output interfaces support both AC-coupled, low-Z RF as well as direct connection to low voltage positive logic devices. It is packaged in a small 6-lead SC-70 and is ideal for frequency scaling solutions

Features
• DC to 1500 MHz operation
• Fixed divide ratio of 4
• Low-power consumption: 8 mA typical @ 3V
• RF or LV Digital Interface
• Ultra-small package: 6-lead SC-70




Similar Part No. - PE3512

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35121 PASTERNACK-PE35121 Datasheet
95Kb / 1P
   CABLE ASSEMBLY, PE-SR402FL, 3.5mm MALE TO 3.5mm FEMAIL
PE35121-12 PASTERNACK-PE35121-12 Datasheet
95Kb / 1P
   CABLE ASSEMBLY, PE-SR402FL, 3.5mm MALE TO 3.5mm FEMAIL
PE35121-24 PASTERNACK-PE35121-24 Datasheet
95Kb / 1P
   CABLE ASSEMBLY, PE-SR402FL, 3.5mm MALE TO 3.5mm FEMAIL
PE35121-36 PASTERNACK-PE35121-36 Datasheet
95Kb / 1P
   CABLE ASSEMBLY, PE-SR402FL, 3.5mm MALE TO 3.5mm FEMAIL
PE35121-48 PASTERNACK-PE35121-48 Datasheet
95Kb / 1P
   CABLE ASSEMBLY, PE-SR402FL, 3.5mm MALE TO 3.5mm FEMAIL
More results


Similar Description - PE3512

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
PE3511 PEREGRINE-PE3511 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Peregrine Semiconductor
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3502 PEREGRINE-PE3502 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE83512 PEREGRINE-PE83512_06 Datasheet
267Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
logo
Peregrine Semiconductor
PE9312 PSEMI-PE9312 Datasheet
198Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9312 PEREGRINE-PE9312 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler Rad hard for Space Applications
PE3501 PEREGRINE-PE3501_08 Datasheet
242Kb / 9P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com