Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4307 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE4307 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE4307
Download  PE4307 Download

File Size   547.25 Kbytes
Page   11 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz

PE4307 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4307 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE4307
Download  PE4307 Click to download

File Size   547.25 Kbytes
Page   11 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz

PE4307 Datasheet (HTML) - Peregrine Semiconductor Corp.

Back Button PE4307 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4307 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4307 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4307 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4307 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4307 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4307 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4307 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4307 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE4307 Datasheet HTML 10Page - Peregrine Semiconductor Corp. Next Button 



Similar Part No. - PE4307

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4307 PASTERNACK-PE4307 Datasheet
302Kb / 2P
   BNC Male Right Angle Connector Clamp/Solder Attachment For RG174, RG316, RG188
logo
Peregrine Semiconductor
PE4307 PSEMI-PE4307 Datasheet
441Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4307 PEREGRINE-PE4307 Datasheet
441Kb / 11P
   75廓 RF Digital Attenuator
logo
Pasternack Enterprises,...
PE4307 PASTERNACK-PE4307 Datasheet
415Kb / 3P
   BNC Male Right Angle Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor...
PE43072 PEREGRINE-PE43072 Datasheet
464Kb / 11P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
More results


Similar Description - PE4307

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Tyco Electronics
MAATSS0021 MACOM-MAATSS0021 Datasheet
176Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Peregrine Semiconductor...
PE4305 PEREGRINE-PE4305 Datasheet
457Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
logo
Peregrine Semiconductor
PE43404MLI-Z PSEMI-PE43404MLI-Z Datasheet
964Kb / 11P
   75 廓 RF Digital Attenuator 4-bit, 15 dB, DC ??2.0 GHz
logo
Tyco Electronics
AT65-0283 MACOM-AT65-0283 Datasheet
231Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007084-000100 MA-COM-MAAD-007084-000100 Datasheet
127Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
MAAD-007084-000100 MACOM-MAAD-007084-000100 Datasheet
233Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT65-0283 MA-COM-AT65-0283 Datasheet
126Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com