Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7199Z Datasheet (PDF) - Panasonic Semiconductor

AN7199Z Datasheet PDF - Panasonic Semiconductor
Part # AN7199Z
Download  AN7199Z Download

File Size   131.85 Kbytes
Page   17 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual 20 W BTL power IC for car audio

AN7199Z Datasheet (PDF)

Go To PDF Page Download Datasheet
AN7199Z Datasheet PDF - Panasonic Semiconductor

Part # AN7199Z
Download  AN7199Z Click to download

File Size   131.85 Kbytes
Page   17 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual 20 W BTL power IC for car audio

AN7199Z Datasheet (HTML) - Panasonic Semiconductor

Back Button AN7199Z Datasheet HTML 1Page - Panasonic Semiconductor AN7199Z Datasheet HTML 2Page - Panasonic Semiconductor AN7199Z Datasheet HTML 3Page - Panasonic Semiconductor AN7199Z Datasheet HTML 4Page - Panasonic Semiconductor AN7199Z Datasheet HTML 5Page - Panasonic Semiconductor AN7199Z Datasheet HTML 6Page - Panasonic Semiconductor AN7199Z Datasheet HTML 7Page - Panasonic Semiconductor AN7199Z Datasheet HTML 8Page - Panasonic Semiconductor AN7199Z Datasheet HTML 9Page - Panasonic Semiconductor AN7199Z Datasheet HTML 10Page - Panasonic Semiconductor Next Button 

AN7199Z Product details

■ Overview
The AN7199Z is an audio power IC developed for the sound output of car audio (dual 20 W).
A capacitor and a resistor to stop oscillation are built in between the output pin and GND so that a space saving of set is possible. Also, it is incorporates an industrys first superior muting circuit which is free from shock noise, so that a shock noise design under the set transient condition can be made easily when the muting circuit is used together with its standby function.

■ Features
• Built-in various protection circuits (realizing high breakdown voltage against destruction)
    Power supply surge breakdown voltage of 80 V or more
    Ground open breakdown voltage of 16 V or more
• Built-in standby function (free from shock noise when STB-on/off)
• Built-in muting function
    Free from shock noise at mute-on/off
• Adapting attenuator method so that abnormal sound due
    to waveform deformation is not generated
    Attack time, recovery time of 50 ms or less
• Reduction in external components
    No CR for oscillation stop is required
    It eliminates the need for NF and BS electrolytic capacitors
    Muting function is unneccesary
    Power supply choke coil is unnecessary
• Provided with beep sound input pin
• High sound quality design

■ Applications
• Car audio




Similar Part No. - AN7199Z

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN719 SILABS-AN719 Datasheet
593Kb / 2P
   PRECISION32??MCU DEVELOPMENT KIT QUICK-START GUIDE
AN719 SILABS-AN719 Datasheet
3Mb / 40P
   PRECISION32??IDE AND APPBUILDER DETAILED TUTORIAL AND WALKTHROUGH
logo
Panasonic Semiconductor
AN7190 PANASONIC-AN7190 Datasheet
55Kb / 5P
   Dual 20 W BTL power amplifier
logo
List of Unclassifed Man...
AN7190K ETC2-AN7190K Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN7190NK PANASONIC-AN7190NK Datasheet
55Kb / 5P
   Dual 20 W BTL power amplifier
More results


Similar Description - AN7199Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7198Z PANASONIC-AN7198Z Datasheet
148Kb / 20P
   Dual 20 W BTL Power IC for Car Audio
AN7195K PANASONIC-AN7195K Datasheet
102Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7195Z PANASONIC-AN7195Z Datasheet
100Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7196K PANASONIC-AN7196K Datasheet
50Kb / 5P
   Dual 15 W BTL power IC for car audio
AN7196Z PANASONIC-AN7196Z Datasheet
101Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7551Z PANASONIC-AN7551Z Datasheet
100Kb / 11P
   Power IC for BTL car audio
AN7561Z PANASONIC-AN7561Z Datasheet
100Kb / 11P
   BTL output power IC for car audio
AN7555NZ PANASONIC-AN7555NZ Datasheet
56Kb / 5P
   BTL output power IC for car audio
AN7555Z PANASONIC-AN7555Z Datasheet
59Kb / 5P
   BTL output power IC for car audio
AN7560Z PANASONIC-AN7560Z Datasheet
109Kb / 10P
   BTL output power IC for car audio
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com