Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN78M20F Datasheet (PDF) - Panasonic Semiconductor

AN78M20F Datasheet PDF - Panasonic Semiconductor
Part # AN78M20F
Download  AN78M20F Download

File Size   70.28 Kbytes
Page   9 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 3-pin Positive Output Voltage Regulators 500mA Type

AN78M20F Datasheet (PDF)

Go To PDF Page Download Datasheet
AN78M20F Datasheet PDF - Panasonic Semiconductor

Part # AN78M20F
Download  AN78M20F Click to download

File Size   70.28 Kbytes
Page   9 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 3-pin Positive Output Voltage Regulators 500mA Type

AN78M20F Datasheet (HTML) - Panasonic Semiconductor

AN78M20F Datasheet HTML 1Page - Panasonic Semiconductor AN78M20F Datasheet HTML 2Page - Panasonic Semiconductor AN78M20F Datasheet HTML 3Page - Panasonic Semiconductor AN78M20F Datasheet HTML 4Page - Panasonic Semiconductor AN78M20F Datasheet HTML 5Page - Panasonic Semiconductor AN78M20F Datasheet HTML 6Page - Panasonic Semiconductor AN78M20F Datasheet HTML 7Page - Panasonic Semiconductor AN78M20F Datasheet HTML 8Page - Panasonic Semiconductor AN78M20F Datasheet HTML 9Page - Panasonic Semiconductor

AN78M20F Product details

■ Overview
The AN78M00 and the AN78M00F series are 3-pin fixed positive output voltage regulators. Stabilized fixed output voltage is obtained from unstable DC input voltage without using any external components. 11 types of fixed output voltage are available;5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V and 24V. They can be used widely in power circuits with current capacitance up to 500mA.

■ Features
• No external components
• Output voltage:5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24V
• Short-circuit current limiting built-in
• Thermal overload protection built-in
• Output transistor safe area compensation




Similar Part No. - AN78M20F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78M00R PANASONIC-AN78M00R Datasheet
52Kb / 6P
   Positive Output Voltage Regulators with Reset pin 1A/500mA Type
AN78M05R PANASONIC-AN78M05R Datasheet
52Kb / 6P
   Positive Output Voltage Regulators with Reset pin 1A/500mA Type
AN78M08R PANASONIC-AN78M08R Datasheet
52Kb / 6P
   Positive Output Voltage Regulators with Reset pin 1A/500mA Type
AN78M09R PANASONIC-AN78M09R Datasheet
52Kb / 6P
   Positive Output Voltage Regulators with Reset pin 1A/500mA Type
AN78M12R PANASONIC-AN78M12R Datasheet
52Kb / 6P
   Positive Output Voltage Regulators with Reset pin 1A/500mA Type
More results


Similar Description - AN78M20F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN79M00 PANASONIC-AN79M00 Datasheet
70Kb / 9P
   3-pin Negative Output Voltage Regulators 500mA Type
AN7800R PANASONIC-AN7800R Datasheet
52Kb / 6P
   Positive Output Voltage Regulators with Reset pin 1A/500mA Type
logo
E-CMOS Corporation
EC78XXM E-CMOS-EC78XXM Datasheet
893Kb / 15P
   500mA Positive Voltage Regulators
logo
Panasonic Semiconductor
AN7900T PANASONIC-AN7900T Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
   3-pin Positive Output Voltage Regulator 300mA Type
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
logo
First Components Intern...
LM317 FCI-LM317 Datasheet
535Kb / 9P
   3-Terminal Adjustable Output positive voltage Regulators
logo
Vishay Siliconix
LM317CM VISHAY-LM317CM Datasheet
123Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
29-Nov-01
LM317 VISHAY-LM317 Datasheet
118Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
30-Oct-02
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com