Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN80L51RMS Datasheet (PDF) - Panasonic Semiconductor

AN80L51RMS Datasheet PDF - Panasonic Semiconductor
Part # AN80L51RMS
Download  AN80L51RMS Download

File Size   176.28 Kbytes
Page   26 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Low-drop type positive output voltage regulator IC

AN80L51RMS Datasheet (PDF)

Go To PDF Page Download Datasheet
AN80L51RMS Datasheet PDF - Panasonic Semiconductor

Part # AN80L51RMS
Download  AN80L51RMS Click to download

File Size   176.28 Kbytes
Page   26 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Low-drop type positive output voltage regulator IC

AN80L51RMS Datasheet (HTML) - Panasonic Semiconductor

Back Button AN80L51RMS Datasheet HTML 1Page - Panasonic Semiconductor AN80L51RMS Datasheet HTML 2Page - Panasonic Semiconductor AN80L51RMS Datasheet HTML 3Page - Panasonic Semiconductor AN80L51RMS Datasheet HTML 4Page - Panasonic Semiconductor AN80L51RMS Datasheet HTML 5Page - Panasonic Semiconductor AN80L51RMS Datasheet HTML 6Page - Panasonic Semiconductor AN80L51RMS Datasheet HTML 7Page - Panasonic Semiconductor AN80L51RMS Datasheet HTML 8Page - Panasonic Semiconductor AN80L51RMS Datasheet HTML 9Page - Panasonic Semiconductor AN80L51RMS Datasheet HTML 10Page - Panasonic Semiconductor Next Button 

AN80L51RMS Product details

Overview
The AN80LXXRMS series is 0.15 A output low-drop output type positive voltage regulator IC with resetting function. 20 classifications of output voltages, 1.8 V, 1.9 V, 2.0 V, 2.1 V, 2.2 V, 2.5 V, 2.8 V, 2.9 V, 3.0 V, 3.1 V, 3.2 V, 3.3 V, 3.4 V, 3.5 V, 3.6 V, 4.8 V, 4.9 V, 5.0 V, 5.1 V and 5.2 V are available. In addition, it is adopting the surface mounting type package (Mini 5-pin plastic package), so that it is most suited for miniaturization and weight reduction of set equipment.

Features
• Minimum input and output voltage difference : 0.4 V max.
• High precision output voltage : (allowance : ± 3%)
• Built-in reset function terminal (High : Active)
• Built-in overcurrent limiting circuit
• Built-in circuit for limiting rush current at input voltage rising time
• Output voltage : 1.8 V to 5.2 V

Applications
• Cellular phone, PHS, analog cordless phone, other small sized potable equipment




Similar Part No. - AN80L51RMS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN80L51RMS PANASONIC-AN80L51RMS Datasheet
321Kb / 27P
   Positive output, low dropout voltage regulator (150 mA type)
More results


Similar Description - AN80L51RMS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1118 UTC-LR1118_14 Datasheet
257Kb / 8P
   LOW DROP POSITIVE VOLTAGE REGULATOR
logo
AUK corp
S78DL05L AUK-S78DL05L Datasheet
223Kb / 3P
   Low Drop output Voltage Regulator
S5225M AUK-S5225M Datasheet
427Kb / 7P
   Low Drop Output Voltage Regulator
S52XXM AUK-S52XXM Datasheet
365Kb / 6P
   Low Drop Output Voltage Regulator
S78DL05F AUK-S78DL05F_06 Datasheet
219Kb / 3P
   Low Drop output Voltage Regulator
S78DL05L AUK-S78DL05L_07 Datasheet
159Kb / 4P
   Low Drop output Voltage Regulator
S78DL33L AUK-S78DL33L_07 Datasheet
155Kb / 4P
   Low Drop output Voltage Regulator
logo
KODENSHI_AUK CORP.
S78DL33 KODENSHI-S78DL33 Datasheet
99Kb / 4P
   Low Drop output Voltage Regulator
S78DL05 KODENSHI-S78DL05 Datasheet
99Kb / 4P
   Low Drop output Voltage Regulator
logo
AUK corp
S78DL33F AUK-S78DL33F_07 Datasheet
153Kb / 4P
   Low Drop output Voltage Regulator
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com