Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6209H12APL Datasheet (PDF) - Torex Semiconductor

XC6209H12APL Datasheet PDF - Torex Semiconductor
Part # XC6209H12APL
Download  XC6209H12APL Download

File Size   224.04 Kbytes
Page   19 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control

XC6209H12APL Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6209H12APL Datasheet PDF - Torex Semiconductor

Part # XC6209H12APL
Download  XC6209H12APL Click to download

File Size   224.04 Kbytes
Page   19 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control

XC6209H12APL Datasheet (HTML) - Torex Semiconductor

Back Button XC6209H12APL Datasheet HTML 1Page - Torex Semiconductor XC6209H12APL Datasheet HTML 2Page - Torex Semiconductor XC6209H12APL Datasheet HTML 3Page - Torex Semiconductor XC6209H12APL Datasheet HTML 4Page - Torex Semiconductor XC6209H12APL Datasheet HTML 5Page - Torex Semiconductor XC6209H12APL Datasheet HTML 6Page - Torex Semiconductor XC6209H12APL Datasheet HTML 7Page - Torex Semiconductor XC6209H12APL Datasheet HTML 8Page - Torex Semiconductor XC6209H12APL Datasheet HTML 9Page - Torex Semiconductor XC6209H12APL Datasheet HTML 10Page - Torex Semiconductor Next Button 

XC6209H12APL Product details

GENERAL DESCRIPTION
The XC6209/XC6212 series are highly precise, low noise, positive voltage LDO regulators manufactured using CMOS processes. The series achieves high ripple rejection and low dropout and consists of a voltage reference, an error amplifier, a current limiter and a phase compensation circuit plus a driver transistor.

■ FEATURES
    Maximum Output Current : 150mA
                                                (300mA=XC6209E to H types)
    Dropout Voltage : 60mV @ 30mA
                                 200mV @ 100mA
    Minimum Operating Voltage : 2.0~10.0V
    Output Voltage Range : 0.9V ~ 6.0V (50mV increment)
    Highly Accurate : ± 2% (VOUT>1.5V)
                                ± 30mV (VOUT≦ 1.5V)
    Low Power Consumption : 25μ A (TYP.)
    Stand-by Current : Less than 0.1μ A (TYP.)
    Highly Ripple Rejection : 70dB (10kHz)
    Operating Temperature Range : -40℃ ~ +85℃
    Low ESR Capacitor : Ceramic capacitor compatible
    Process : CMOS
    Built-In Circuit : Current Limit Circuit
    Ultra Small Packages : SOT-25
                                         USP-6B (XC6209)
                                         SOT-89-5 (XC6209)

■ APPLICATIONS
● Mobile phones, Cordless phones
● Wireless communication equipment
● Portable games
● Cameras, Video recorders
● Portable AV equipment
● Reference voltage
● Battery powered equipment




Similar Part No. - XC6209H12APL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209H30AD TOREX-XC6209H30AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209H31AD TOREX-XC6209H31AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209H32AD TOREX-XC6209H32AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209H33AD TOREX-XC6209H33AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209H34AD TOREX-XC6209H34AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
More results


Similar Description - XC6209H12APL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6205 TOREX-XC6205 Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com