Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6219C11AML Datasheet (PDF) - Torex Semiconductor

XC6219C11AML Datasheet PDF - Torex Semiconductor
Part # XC6219C11AML
Download  XC6219C11AML Download

File Size   248.22 Kbytes
Page   18 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch

XC6219C11AML Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6219C11AML Datasheet PDF - Torex Semiconductor

Part # XC6219C11AML
Download  XC6219C11AML Click to download

File Size   248.22 Kbytes
Page   18 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch

XC6219C11AML Datasheet (HTML) - Torex Semiconductor

Back Button XC6219C11AML Datasheet HTML 1Page - Torex Semiconductor XC6219C11AML Datasheet HTML 2Page - Torex Semiconductor XC6219C11AML Datasheet HTML 3Page - Torex Semiconductor XC6219C11AML Datasheet HTML 4Page - Torex Semiconductor XC6219C11AML Datasheet HTML 5Page - Torex Semiconductor XC6219C11AML Datasheet HTML 6Page - Torex Semiconductor XC6219C11AML Datasheet HTML 7Page - Torex Semiconductor XC6219C11AML Datasheet HTML 8Page - Torex Semiconductor XC6219C11AML Datasheet HTML 9Page - Torex Semiconductor XC6219C11AML Datasheet HTML 10Page - Torex Semiconductor Next Button 

XC6219C11AML Product details

■ GENERAL DESCRIPTION
The XC6219/XC6211 series are highly accurate, low noise, CMOS LDO Voltage Regulators. Offering low output noise, high ripple rejection ratio, low dropout and very fast turn-on times, the XC6219/6211 series is ideal for today’s cutting edge mobile phone. Internally the XC6219/6211 includes a reference voltage source, error amplifiers, driver transistors, current limiters and phase compensators. The XC6219/6211’s current limiters foldback circuit also operates as a short protect for the output current limiter and. the output pin. The output voltage is set by laser trimming. Voltages are selectable in 50mV steps within a range of 0.9V to 5.0V. The XC6219/6211 series is also fully compatible with low ESR ceramic capacitors, reducing cost and improving output stability. This high level of output stability is maintained even during frequent load fluctuations, due to the excellent transient response performance and high PSRR achieved across a broad range of frequencies.

■ FEATURES
    Maximum Output Current : 150mA (VOUT<1.75V, A~D type)
                                              : 240mA (VOUT>1.8V, A~D type)
                                              : 300mA (VOUT>1.3V, E~H type)
    Dropout Voltage : 200mV @ IOUT=100mA
    Operating Voltage Range : 2.0V ~ 6.0V
    Output Voltage Range : 0.9V ~ 5.0V (50mV steps)
    Highly Accuracy : +2% (VOUT>1.5V)
                               : +30mV (VOUT≦ 1.5V)
                               : +1% (VOUT≧ 3.0V)
    Low Power Consumption : 25μ A (TYP.)
    Standby Current : Less than 0.1μ A (TYP.)
    High Ripple Rejection : 65dB @10kHz
    Operating Temperature Range
    Low ESR Capacitor : Ceramic capacitor compatible
    Ultra Small Packages : SOT-25 (SOT-23-5)
                                       : SOT-89-5 (for XC6219 only)
                                       : USP-6B (for XC6219 only)

■ APPLICATIONS
● Mobile phones
● Cordless phones, radio communication equipment
● Portable games
● Cameras, Video cameras
● Reference voltage sources
● Battery powered equipment




Similar Part No. - XC6219C11AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219C091DL TOREX-XC6219C091DL Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219C091DR TOREX-XC6219C091DR Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219C091ML TOREX-XC6219C091ML Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219C091MR TOREX-XC6219C091MR Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219C091PL TOREX-XC6219C091PL Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
More results


Similar Description - XC6219C11AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com