Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD4303SB Datasheet (PDF) - Advanced Linear Devices

ALD4303SB Datasheet PDF - Advanced Linear Devices
Part # ALD4303SB
Download  ALD4303SB Download

File Size   59.23 Kbytes
Page   6 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER

ALD4303SB Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD4303SB Datasheet PDF - Advanced Linear Devices

Part # ALD4303SB
Download  ALD4303SB Click to download

File Size   59.23 Kbytes
Page   6 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER

ALD4303SB Datasheet (HTML) - Advanced Linear Devices

ALD4303SB Datasheet HTML 1Page - Advanced Linear Devices ALD4303SB Datasheet HTML 2Page - Advanced Linear Devices ALD4303SB Datasheet HTML 3Page - Advanced Linear Devices ALD4303SB Datasheet HTML 4Page - Advanced Linear Devices ALD4303SB Datasheet HTML 5Page - Advanced Linear Devices ALD4303SB Datasheet HTML 6Page - Advanced Linear Devices

ALD4303SB Product details

GENERAL DESCRIPTION

The ALD4303A/ALD4303 is a precision monolithic high performance quad voltage comparator with open drain output built with advanced silicon gate CMOS technology. It features very high typical input impedance of 1012Ω; low input bias current of 10pA; very low power dissipation of 7.5µA per comparator; micropower operation; high output drive and single (+5V) or dual (±5V) power supply operation.

The input voltage range includes ground, making this comparator ideal for single supply low level signal detection with high source impedance. The ALD4303A/ALD4303 can be used in connection with other voltage comparator circuits such as the ALD2301, ALD2302, and ALD4302 voltage comparators. The outputs can be connected to a higher external voltage than V+ and used in a wired-OR connection with other open drain circuits such as the ALD2301 and ALD2303.



FEATURES

• 3V, 5V and 10V supply

• Guaranteed to drive 200Ω loads

• Fanout of 30LS TTL loads

• Guaranteed maximum supply current of 22µA per comparator

• Industry standard pinout of LM393 type

• Extremely low input bias currents -- typically 10pA

• Virtually eliminates source impedance effects

• Single (+5V) and dual supply (±5V) operation

• CMOS, NMOS and TTL compatible

• Open drain wired-OR outputs

• Compatible with push-pull outputs

• High output sinking current -- typically 60mA

• Low supply current spikes

• High gain -- 100V/mV



APPLICATIONS

• Sensor detection circuits

• PCMCIA instruments

• MOSFET driver

• High source impedance voltage comparison circuits

• Multiple limit window comparator

• Power supply voltage monitor

• Photodetector sensor circuit

• High speed LED driver

• Oscillators

• Battery operated instruments

• Remote signal detection

• Multiple relay drivers



 




Similar Part No. - ALD4303SB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4303SBL ALD-ALD4303SBL Datasheet
86Kb / 9P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
More results


Similar Description - ALD4303SB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4303 ALD-ALD4303_10 Datasheet
86Kb / 9P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A Datasheet
65Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303 ALD-ALD2303_10 Datasheet
82Kb / 9P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A_07 Datasheet
68Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4302A ALD-ALD4302A Datasheet
57Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4301 ALD-ALD4301 Datasheet
82Kb / 9P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
ALD4302A ALD-ALD4302A_05 Datasheet
47Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302 ALD-ALD4302_10 Datasheet
78Kb / 9P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302A ALD-ALD2302A_07 Datasheet
59Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2332 ALD-ALD2332 Datasheet
90Kb / 11P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com