Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4555 Datasheet (PDF) - Asahi Kasei Microsystems

AKD4555 Datasheet PDF - Asahi Kasei Microsystems
Part # AKD4555
Download  AKD4555 Download

File Size   192.81 Kbytes
Page   17 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Low Power & Small Package 20bit ?誇 CODEC

AKD4555 Datasheet (PDF)

Go To PDF Page Download Datasheet
AKD4555 Datasheet PDF - Asahi Kasei Microsystems

Part # AKD4555
Download  AKD4555 Click to download

File Size   192.81 Kbytes
Page   17 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Low Power & Small Package 20bit ?誇 CODEC

AKD4555 Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AKD4555 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4555 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4555 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4555 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4555 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4555 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4555 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4555 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4555 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4555 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AKD4555 Product details

GENERAL DESCRIPTION

The AK4555 is a low voltage 20bit A/D & D/A converter for portable digital audio system. In the AK4555, the loss of accuracy form clock jitter is also improved by using SCF techniques for on-chip post filter. Analog signal input/output of the AK4555 are single-ended, therefore, any external filters are not required. The AK4555 is suitable for portable digital audio system, as the AK4555 is low power dissipation and a small package.



FEATURES

□ HPF for DC-offset cancel (fc=3.4Hz)

□ Single-ended ADC

   - S/(N+D): 80dB@VDD=2.5V

   - Dynamic Range, S/N: 89dB@VDD=2.5V

□ Single-ended DAC

   - Digital de-emphasis for 32kHz, 44.1kHz, 48kHz sampling

   - S/(N+D): 85dB@VDD=2.5V

   - Dynamic Range, S/N: 92dB@VDD=2.5V

□ Audio I/F format: MSB First, 2’s Compliment

   - ADC, DAC: I2S

□ Input/Output Voltage: 0.6 x VDD (=1.5Vpp@VDD=2.5V)

□ High Jitter Tolerance

□ Sampling Rate: 8kHz to 50kHz

□ Master Clock: 256fs/384fs/512fs/768fs (fs=8kHz to 50kHz)

                       1024fs (fs=8kHz to 25kHz)

□ Power Supply: 1.6 to 3.6V

□ Low Power Supply Current: 8.6mA

□ Ta = −40 to 85°C

□ Very Small Package: 16pin TSSOP



 




Similar Part No. - AKD4555

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4555 AKM-AKD4555 Datasheet
824Kb / 27P
   Evaluation board Rev.0 for AK4555
AKD4555-E AKM-AKD4555-E Datasheet
824Kb / 27P
   Evaluation board Rev.0 for AK4555
More results


Similar Description - AKD4555

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4551 AKM-AK4551 Datasheet
109Kb / 15P
   LOW POWER & SMALL PACKAGE 20BIT CODEC
AK4554 AKM-AK4554 Datasheet
197Kb / 17P
   Low Power & Small Package 16bit ?誇 CODEC
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AK4562 AKM-AK4562 Datasheet
167Kb / 29P
   LOW POWER 20BIT CODEC WITH PGA
AK4550 AKM-AK4550 Datasheet
102Kb / 15P
   LOW POWER & SMALL PACKAGE 16BIT CODEC
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
AK4565 AKM-AK4565 Datasheet
249Kb / 33P
   LOW POWER 20BIT CODEC WITH BUILT IN ALC
AK4556 AKM-AK4556 Datasheet
182Kb / 22P
   3V 192kHz 24Bit ?誇 CODEC
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
   Low Power 20bit ADC with PGA
AK4566 AKM-AK4566 Datasheet
437Kb / 45P
   20bit Stereo CODEC with built-in IPGA & HP-AMP
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com