Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-102-CFC-A4C2 Datasheet (PDF) - Vectron International, Inc

FX-102-CFC-A4C2 Datasheet PDF - Vectron International, Inc
Part # FX-102-CFC-A4C2
Download  FX-102-CFC-A4C2 Download

File Size   486.29 Kbytes
Page   12 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Frequency Translator

FX-102-CFC-A4C2 Datasheet (PDF)

Go To PDF Page Download Datasheet
FX-102-CFC-A4C2 Datasheet PDF - Vectron International, Inc

Part # FX-102-CFC-A4C2
Download  FX-102-CFC-A4C2 Click to download

File Size   486.29 Kbytes
Page   12 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Frequency Translator

FX-102-CFC-A4C2 Datasheet (HTML) - Vectron International, Inc

Back Button FX-102-CFC-A4C2 Datasheet HTML 1Page - Vectron International, Inc FX-102-CFC-A4C2 Datasheet HTML 2Page - Vectron International, Inc FX-102-CFC-A4C2 Datasheet HTML 3Page - Vectron International, Inc FX-102-CFC-A4C2 Datasheet HTML 4Page - Vectron International, Inc FX-102-CFC-A4C2 Datasheet HTML 5Page - Vectron International, Inc FX-102-CFC-A4C2 Datasheet HTML 6Page - Vectron International, Inc FX-102-CFC-A4C2 Datasheet HTML 7Page - Vectron International, Inc FX-102-CFC-A4C2 Datasheet HTML 8Page - Vectron International, Inc FX-102-CFC-A4C2 Datasheet HTML 9Page - Vectron International, Inc FX-102-CFC-A4C2 Datasheet HTML 10Page - Vectron International, Inc Next Button 

FX-102-CFC-A4C2 Product details

Description
Vectrons FX-102 is a crystal based frequency translator which is used to translate any input frequency such as 8 kHz, 1.544 MHz, 2.048 MHz, 19.440 MHz etc. to any specific frequency from 77.76 to 170 MHz. The input frequency does not have to be a 50/50% duty cycle and as an example can be an 8 kHz signal with a logic high "on time" of only 1us, such as a BITS clock . The FX-102 also has the ability to translate any of 1 to 4 different input frequencies to one common output frequency, such as input frequencies of 8 kHz and 1.544 MHz and 19.44 MHz and any other frequency between 8 kHz and 170 MHz translating them to any specific output frequency from 77.76 MHz to 170 MHz.

Features
• Output frequencies up to 170 MHz
• Jitter Generation OC-192 compliant
• Jitter transfer per GR-253-CORE
• Single 5 or 3.3 Vdc supply
• Locked to specified Input frequency, e.g. 8 kHz
• 1" x 0.8" x 0.25", Surface Mount (FR4 base)

Applications
• SONET / SDH / ATM
• DWDM / FDM
• DSL-PON Interconnects
• FEC (Forward Error Correction)




Similar Part No. - FX-102-CFC-A4C2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-102 VECTRON-FX-102 Datasheet
1Mb / 11P
   Frequency Transiator
FX-102_0611 VECTRON-FX-102_0611 Datasheet
1Mb / 11P
   Frequency Transiator
More results


Similar Description - FX-102-CFC-A4C2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
   Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
   Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
   Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
485Kb / 12P
   Frequency Translator
logo
CTS Corporation
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
   Frequency Translator
logo
CTS Corporation
VCP3021X CTS-VCP3021X Datasheet
191Kb / 5P
   Frequency Translator
VCP3250 CTS-VCP3250 Datasheet
191Kb / 5P
   Frequency translator
VCP3028X CTS-VCP3028X Datasheet
190Kb / 5P
   Frequency Translator
VCP3036A CTS-VCP3036A Datasheet
190Kb / 5P
   Frequency Translator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com