Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ7045R Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AZ7045R Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AZ7045R
Download  AZ7045R Download

File Size   144.46 Kbytes
Page   12 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description VOLTAGE DETECTOR

AZ7045R Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ7045R Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AZ7045R
Download  AZ7045R Click to download

File Size   144.46 Kbytes
Page   12 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description VOLTAGE DETECTOR

AZ7045R Datasheet (HTML) - BCD Semiconductor Manufacturing Limited

Back Button AZ7045R Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ7045R Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ7045R Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ7045R Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ7045R Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ7045R Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ7045R Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ7045R Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ7045R Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ7045R Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button 

AZ7045R Product details

General Description
The AZ70XX series ICs are under voltage detectors with a built in voltage threshold and low power consumption. The AZ70XX are specifically designed to accurately monitor power supplies.
   
Features
• Low Current Consumption:
    ICCL=300µA Typical
    ICCH=30µA Typical
• Low Minimum Operating Voltage for Output
    Resetting: 0.8V Typical
• Built in Hysteresis Voltage: 50mV Typical
• Open Collector Output
• Extended Temperature Range: -40 to 85°C
   
Applications
• Low Battery Voltage Detector
• Power Fail Indicator
• Processor Reset Generator
• Battery Backup Control
• Home Electric Appliances
   




Similar Part No. - AZ7045R

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7045RTR BCDSEMI-AZ7045RTR Datasheet
160Kb / 13P
   VOLTAGE DETECTOR
AZ7045RTR-E1 BCDSEMI-AZ7045RTR-E1 Datasheet
160Kb / 13P
   VOLTAGE DETECTOR
AZ7045RTR-E1 BCDSEMI-AZ7045RTR-E1 Datasheet
721Kb / 13P
   VOLTAGE DETECTOR
logo
Diodes Incorporated
AZ7045RTR-E1 DIODES-AZ7045RTR-E1 Datasheet
721Kb / 13P
   VOLTAGE DETECTOR
Oct. 2011 Rev. 2. 2
logo
BCD Semiconductor Manuf...
AZ7045RTR-G1 BCDSEMI-AZ7045RTR-G1 Datasheet
721Kb / 13P
   VOLTAGE DETECTOR
More results


Similar Description - AZ7045R

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com