Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP4303BP-DTRE1 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP4303BP-DTRE1 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP4303BP-DTRE1
Download  AP4303BP-DTRE1 Download

File Size   158.05 Kbytes
Page   12 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description QUAD OP AMP AND VOLTAGE REFERENCE

AP4303BP-DTRE1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP4303BP-DTRE1 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP4303BP-DTRE1
Download  AP4303BP-DTRE1 Click to download

File Size   158.05 Kbytes
Page   12 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description QUAD OP AMP AND VOLTAGE REFERENCE

AP4303BP-DTRE1 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited

Back Button AP4303BP-DTRE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4303BP-DTRE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4303BP-DTRE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4303BP-DTRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4303BP-DTRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4303BP-DTRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4303BP-DTRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4303BP-DTRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4303BP-DTRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP4303BP-DTRE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button 

AP4303BP-DTRE1 Product details

General Description
The AP4303 is a monolithic IC that contains quad operational amplifiers and a precision shunt regulator, 1.25Vfor AP4303-C or 1.24V for AP4303-D respectively. It is specifically designed to regulate the output current and voltage levels of switching battery chargers and power supplies.
   
Features
Op Amp
• Input Offset Voltage: 0.5mV
• Supply Current: 250µA per Op Amp at 5.0V Supply Voltage
• Unity Gain Bandwidth: 1MHz
• Output Voltage Swing: 0 to (VCC-1.5)V
• Power Supply Range: 3 to 18V
   
Voltage Reference
• Reference Voltage Tolerance: 0.5%, 1%
• Sink Current Capability from 0.1 to 80mA
• Output Dynamic Impedance: 0.2Ω
• Externally Adjusted Output Voltage Reference:
    1.25V for AP4303-C and 1.24V for AP4303-D
   
Applications
• Battery Charger
• Switching Power Supply
   




Similar Part No. - AP4303BP-DTRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4303BP-D BCDSEMI-AP4303BP-D Datasheet
168Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4303BP-DE1 BCDSEMI-AP4303BP-DE1 Datasheet
168Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
More results


Similar Description - AP4303BP-DTRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4302 BCDSEMI-AP4302 Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4302 BCDSEMI-AP4302_06 Datasheet
167Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4303 BCDSEMI-AP4303_06 Datasheet
168Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4300 BCDSEMI-AP4300_06 Datasheet
159Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
   Dual OP Amp And Voltage Reference
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310E DIODES-AP4310E Datasheet
402Kb / 9P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4301 BCDSEMI-AP4301_06 Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com