Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ78L05ZTR-E1 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AZ78L05ZTR-E1 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AZ78L05ZTR-E1
Download  AZ78L05ZTR-E1 Download

File Size   228.41 Kbytes
Page   17 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 3-TERMINAL POSITIVE LINEAR REGULATOR

AZ78L05ZTR-E1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ78L05ZTR-E1 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AZ78L05ZTR-E1
Download  AZ78L05ZTR-E1 Click to download

File Size   228.41 Kbytes
Page   17 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 3-TERMINAL POSITIVE LINEAR REGULATOR

AZ78L05ZTR-E1 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited

Back Button AZ78L05ZTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ78L05ZTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ78L05ZTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ78L05ZTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ78L05ZTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ78L05ZTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ78L05ZTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ78L05ZTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ78L05ZTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ78L05ZTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button 

AZ78L05ZTR-E1 Product details

General Description
The AZ78LXX series are three terminal positive regulators with several fixed output voltages. These regulators can provide local on card regulation, eliminating the distribution problems associated with single point regulation. The AZ78LXX can be used in logic systems, instrumentation, HiFi, and other solid state electronic equipment. When used as a Zener diode/resistor combination replacement, the AZ78LXX usually results an effective output impedance improvement of two orders of magnitude, and lower quiescent current.

Features
• Output Current up to 100mA
• Fixed Output Voltages of 5V, 8V, 9V and 12V
• Output Voltage Tolerances of ±5% over the Full Temperature Range
• Internal Short Circuit Current-limiting
• Internal Thermal Overload Protection
• No External Components

Applications
• High Efficiency Linear Regulator
• Post Regulation for Switching Supply
• Microprocessor Power Supply
• Mother Board I/O Power Supply




Similar Part No. - AZ78L05ZTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78L05ZTR-E1 BCDSEMI-AZ78L05ZTR-E1 Datasheet
271Kb / 18P
   3-TERMINAL POSITIVE LINEAR REGULATOR
More results


Similar Description - AZ78L05ZTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78LXX BCDSEMI-AZ78LXX_07 Datasheet
271Kb / 18P
   3-TERMINAL POSITIVE LINEAR REGULATOR
logo
AiT Semiconductor Inc.
A7812 AITSEMI-A7812 Datasheet
659Kb / 8P
   BIPOLAR LINEAR REGULATOR 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV1.1
A7805 AITSEMI-A7805 Datasheet
623Kb / 6P
   BIPOLAR LINEAR REGULATOR 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV2.0
A7805A AITSEMI-A7805A Datasheet
366Kb / 7P
   LINEAR REGULATOR 3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
REV1.0
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
National Semiconductor ...
LM2930 NSC-LM2930 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
[Old version datasheet]   3-Terminal Positive Regulator
logo
National Semiconductor ...
LM330 NSC-LM330 Datasheet
254Kb / 5P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM2930 TI-LM2930_15 Datasheet
1Mb / 13P
[Old version datasheet]   3-Terminal Positive Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com