Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL105EM-1 Datasheet (PDF) - Analog Devices

ADXL105EM-1 Datasheet PDF - Analog Devices
Part # ADXL105EM-1
Download  ADXL105EM-1 Download

File Size   169.19 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules

ADXL105EM-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL105EM-1 Datasheet PDF - Analog Devices

Part # ADXL105EM-1
Download  ADXL105EM-1 Click to download

File Size   169.19 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules

ADXL105EM-1 Datasheet (HTML) - Analog Devices

ADXL105EM-1 Datasheet HTML 1Page - Analog Devices ADXL105EM-1 Datasheet HTML 2Page - Analog Devices

ADXL105EM-1 Product details

GENERAL DESCRIPTION
The ADXL105EM, ADXL150EM, and ADXL190EM evaluation modules provide a complete acceleration measurement system in a low cost package. These modules simplify the evaluation and testing of our ADXL105/ADXL150/ADXL190/ADXL250 monolithic accelerometer ICs.

FEATURES
  High Performance Prepackaged Accelerometers
  Complete Acceleration Measurement System
  Small, Low Cost, Ready-to-Use
  64 g, 610 g, 100 Hz Single and Multiaxis Versions
  Wide Dynamic Range: 6100 g Single Axis
  Low Power Supply Current
  +5 V Single Supply Operation
  Easy Screw-Down/Bolt-Down Mounting

APPLICATIONS
  Vibration Analysis, Seismic and Earthquake Monitoring, Crash Sensing, Robotic Applications, Shipping and Transportation Shock Monitoring, Active Suspension Applications, Medical Analysis, Active Sound Cancellation, and Much More




Similar Part No. - ADXL105EM-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL105 AD-ADXL105 Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL105 AD-ADXL105 Datasheet
703Kb / 8P
   High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL105AQC AD-ADXL105AQC Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL105JQC AD-ADXL105JQC Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
   High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
More results


Similar Description - ADXL105EM-1

ManufacturerPart #DatasheetDescription
logo
u-blox AG
EVK-NINA-B1 U-BLOX-EVK-NINA-B1 Datasheet
1Mb / 21P
   Evaluation kit for NINA-B1 modules
EVK-ANNA-B4 U-BLOX-EVK-ANNA-B4 Datasheet
3Mb / 43P
   Evaluation kit for ANNA-B4 modules
Rev. R03 / 7-Dec-2021
EVK-NORA-B1 U-BLOX-EVK-NORA-B1 Datasheet
2Mb / 32P
   Evaluation kit for NORA-B1 series modules
logo
Texas Instruments
TPS62160EVM-627 TI1-TPS62160EVM-627 Datasheet
1Mb / 15P
[Old version datasheet]   TPS62160EVM-627 and TPS62170EVM-627 Evaluation Modules
TPS62A01EVM-190 TI-TPS62A01EVM-190 Datasheet
598Kb / 7P
[Old version datasheet]   TPS62A01EVM-190 and TPS62A01AEVM-190 Evaluation Modules Users Guide
NOVEMBER 2021
logo
National Semiconductor ...
LMZ23610 NSC-LMZ23610 Datasheet
2Mb / 16P
   Sharing Evaluation Board power modules are easy-to-use DC-DC
logo
Infineon Technologies A...
MA070E12EVAL INFINEON-MA070E12EVAL Datasheet
974Kb / 17P
   AN2012-08 Evaluation Adapter Board for 62mm Half Bridge IGBT Modules
V1.0 December 2012
XED100E12F2 INFINEON-XED100E12F2 Datasheet
1Mb / 33P
   Evaluation Driver Boards for EconoDUAL™3 and EconoPACK™ modules
V1.3 Feb. 2011
logo
National Semiconductor ...
LMZ1420XEXT NSC-LMZ1420XEXT Datasheet
748Kb / 10P
   Evaluation Board power modules are easy-to-use DC-DC solution
logo
IQD Frequency Products ...
IQCM-EV IQD-IQCM-EV Datasheet
682Kb / 1P
   Designed to allow simplified testing and evaluation of the clock modules
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com