Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5029 Datasheet (PDF) - Fairchild Semiconductor

FAN5029 Datasheet PDF - Fairchild Semiconductor
Part # FAN5029
Download  FAN5029 Download

File Size   443.74 Kbytes
Page   3 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller

FAN5029 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN5029 Datasheet PDF - Fairchild Semiconductor

Part # FAN5029
Download  FAN5029 Click to download

File Size   443.74 Kbytes
Page   3 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller

FAN5029 Datasheet (HTML) - Fairchild Semiconductor

FAN5029 Datasheet HTML 1Page - Fairchild Semiconductor FAN5029 Datasheet HTML 2Page - Fairchild Semiconductor FAN5029 Datasheet HTML 3Page - Fairchild Semiconductor

FAN5029 Product details

Description

The FAN5029 is a multi-phase buck switching regulator controller optimized to convert a 12V input supply to the processor core voltage required by highperformance Intel® processors. It has an internal 8-bit DAC that converts a digital voltage identification (VID) code that is sent from the processor to set the output voltage between 0.5V and 1.6V. It outputs a PWM to external MOSFET drivers that, in turn, drive the switching power MOSFETs.



Features

• Selectable 2-, 3-, 4-, or 5-phase operation at up to 1MHz per phase

• ±7.7mV worst-case differential sensing error

• Active current balancing between the output phases

• Power good and crowbar blanking supports on-the fly VID code changes

• Selectable VR10 extended (7-bit) and VR11 (8-bit) VID tables

• Programmable short-circuit protection and latch-off delay

• Programmable soft start ramp



Applications

• Desktop PC/Server processor power supplies for existing and next generation Intel processors

• VRM modules products



 




Similar Part No. - FAN5029

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029 Datasheet
139Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
FAN5029MPX FAIRCHILD-FAN5029MPX Datasheet
139Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
FAN5029MPX-NAAC238 FAIRCHILD-FAN5029MPX-NAAC238 Datasheet
139Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
More results


Similar Description - FAN5029

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3189 AD-ADP3189 Datasheet
1Mb / 36P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
REV. 0
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. A
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. A
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Analog Devices
ADP3193A AD-ADP3193A Datasheet
1,007Kb / 32P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
REV. 0
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com