Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC30F0013CT-30EPT-ES Datasheet (PDF) - Microchip Technology

DSPIC30F0013CT-30EPT-ES Datasheet PDF - Microchip Technology
Part # DSPIC30F0013CT-30EPT-ES
Download  DSPIC30F0013CT-30EPT-ES Download

File Size   5082.25 Kbytes
Page   220 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Performance Digital Signal Controllers

DSPIC30F0013CT-30EPT-ES Datasheet (PDF)

Go To PDF Page Download Datasheet
DSPIC30F0013CT-30EPT-ES Datasheet PDF - Microchip Technology

Part # DSPIC30F0013CT-30EPT-ES
Download  DSPIC30F0013CT-30EPT-ES Click to download

File Size   5082.25 Kbytes
Page   220 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Performance Digital Signal Controllers

DSPIC30F0013CT-30EPT-ES Datasheet (HTML) - Microchip Technology

Back Button DSPIC30F0013CT-30EPT-ES Datasheet HTML 1Page - Microchip Technology DSPIC30F0013CT-30EPT-ES Datasheet HTML 2Page - Microchip Technology DSPIC30F0013CT-30EPT-ES Datasheet HTML 3Page - Microchip Technology DSPIC30F0013CT-30EPT-ES Datasheet HTML 4Page - Microchip Technology DSPIC30F0013CT-30EPT-ES Datasheet HTML 5Page - Microchip Technology DSPIC30F0013CT-30EPT-ES Datasheet HTML 6Page - Microchip Technology DSPIC30F0013CT-30EPT-ES Datasheet HTML 7Page - Microchip Technology DSPIC30F0013CT-30EPT-ES Datasheet HTML 8Page - Microchip Technology DSPIC30F0013CT-30EPT-ES Datasheet HTML 9Page - Microchip Technology DSPIC30F0013CT-30EPT-ES Datasheet HTML 10Page - Microchip Technology Next Button 

DSPIC30F0013CT-30EPT-ES Product details

DEVICE OVERVIEW
This document contains specific information for the dsPIC30F3014/4013 Digital Signal Controller (DSC) devices. The dsPIC30F3014/4013 devices contain extensive Digital Signal Processor (DSP) functionality within a high-performance 16-bit microcontroller (MCU) architecture. Figure 1-1 and Figure 1-2 show device block diagrams for dsPIC30F3014 and dsPIC30F4013, respectively.

High-Performance Modified RISC CPU:
• Modified Harvard architecture
• C compiler optimized instruction set architecture
• Flexible addressing modes
• 83 base instructions
• 24-bit wide instructions, 16-bit wide data path
• Up to 48 Kbytes on-chip Flash program space
• 2 Kbytes of on-chip data RAM
• 1 Kbyte of nonvolatile data EEPROM
• 16 x 16-bit working register array
• Up to 30 MIPS operation:
   - DC to 40 MHz external clock input
   - 4 MHz-10 MHz oscillator input with PLL active (4x, 8x, 16x)
• Up to 33 interrupt sources:
   - 8 user selectable priority levels
   - 3 external interrupt sources
   - 4 processor traps
  
DSP Features:
• Dual data fetch
• Modulo and Bit-Reversed modes
• Two 40-bit wide accumulators with optional saturation logic
• 17-bit x 17-bit single-cycle hardware fractional/integer multiplier
• All DSP instructions are single cycle
   - Multiply-Accumulate (MAC) operation
• Single-cycle ±16 shift

Peripheral Features:
• High-current sink/source I/O pins: 25 mA/25 mA
• Up to five 16-bit timers/counters; optionally pair up 16-bit timers into 32-bit timer modules
• Up to four 16-bit Capture input functions
• Up to four 16-bit Compare/PWM output functions
• Data Converter Interface (DCI) supports common audio Codec protocols, including I2S and AC’97
• 3-wire SPI module (supports 4 Frame modes)
• I2C™ module supports Multi-Master/Slave mode and 7-bit/10-bit addressing
• Up to two addressable UART modules with FIFO buffers
• CAN bus module compliant with CAN 2.0B standard

Analog Features:
• 12-bit Analog-to-Digital Converter (ADC) with:
   - 200 ksps conversion rate
   - Up to 13 input channels
   - Conversion available during Sleep and Idle
• Programmable Low-Voltage Detection (PLVD)
• Programmable Brown-out Reset

Special Microcontroller Features:
• Enhanced Flash program memory:
   - 10,000 erase/write cycle (min.) for industrial temperature range, 100K (typical)
• Data EEPROM memory:
   - 100,000 erase/write cycle (min.) for industrial temperature range, 1M (typical)
• Self-reprogrammable under software control
• Power-on Reset (POR), Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)
• Flexible Watchdog Timer (WDT) with on-chip low-power RC oscillator for reliable operation
• Fail-Safe Clock Monitor operation:
   - Detects clock failure and switches to on-chip low-power RC oscillator
• Programmable code protection
• In-Circuit Serial Programming™ (ICSP™)
• Selectable Power Management modes:
   - Sleep, Idle and Alternate Clock modes

CMOS Technology:
• Low-power, high-speed Flash technology
• Wide operating voltage range (2.5V to 5.5V)
• Industrial and Extended temperature ranges
• Low-power consumption




Similar Part No. - DSPIC30F0013CT-30EPT-ES

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F0013CT-30E MICROCHIP-DSPIC30F0013CT-30E Datasheet
3Mb / 210P
   High-Performance, 16-bit Digital Signal Controllers
08/04/10
DSPIC30F0013CT-30E/P MICROCHIP-DSPIC30F0013CT-30E/P Datasheet
1Mb / 220P
   High-Performance, 16-bit Digital Signal Controllers
12/08/06
DSPIC30F0013CT-30E/P MICROCHIP-DSPIC30F0013CT-30E/P Datasheet
3Mb / 220P
   High-Performance, 16-Bit Digital Signal Controllers
12/08/06
DSPIC30F0013CT-30E/P MICROCHIP-DSPIC30F0013CT-30E/P Datasheet
3Mb / 236P
   High-Performance, 16-Bit Digital Signal Controllers
12/08/06
DSPIC30F0013CT-30E/P MICROCHIP-DSPIC30F0013CT-30E/P Datasheet
3Mb / 226P
   High-Performance, 16-Bit Digital Signal Controllers
01/02/08
More results


Similar Description - DSPIC30F0013CT-30EPT-ES

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F6010 MICROCHIP-DSPIC30F6010 Datasheet
5Mb / 218P
   High-Performance Digital Signal Controllers
2004
DSPIC30F6014 MICROCHIP-DSPIC30F6014 Datasheet
3Mb / 222P
   High Performance Digital Signal Controllers
2004
DSPIC30F2011 MICROCHIP-DSPIC30F2011 Datasheet
3Mb / 207P
   High-Performance Digital Signal Controllers
2005
DSPIC30F5011 MICROCHIP-DSPIC30F5011 Datasheet
3Mb / 220P
   High-Performance Digital Signal Controllers
2004
DSPIC30F6011A MICROCHIP-DSPIC30F6011A_05 Datasheet
3Mb / 238P
   High-Performance Digital Signal Controllers
2005
DSPIC30F6010A MICROCHIP-DSPIC30F6010A_11 Datasheet
3Mb / 236P
   High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC30F2010 MICROCHIP-DSPIC30F2010_08 Datasheet
2Mb / 204P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A Datasheet
2Mb / 352P
   High-Performance, 16-bit Digital Signal Controllers
2009
DSPIC30F2011 MICROCHIP-DSPIC30F2011_08 Datasheet
3Mb / 206P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJ12MC201MM MICROCHIP-DSPIC33FJ12MC201MM Datasheet
4Mb / 284P
   High-Performance, 16-Bit Digital Signal Controllers
2007
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com