Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3052 Datasheet (PDF) - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC3052 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd
Part # 2SC3052
Download  2SC3052 Download

File Size   36.74 Kbytes
Page   1 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TRANSISTOR (NPN)

2SC3052 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3052 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SC3052
Download  2SC3052 Click to download

File Size   36.74 Kbytes
Page   1 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TRANSISTOR (NPN)

2SC3052 Datasheet (HTML) - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC3052 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC3052 Product details

TRANSISTOR (NPN)

FEATURES
    Power dissipation
       PCM: 0.15 W (Tamb=25℃)
    Collector current
       ICM: 0.2 A
    Collector-base voltage
       V(BR)CBO: 50 V
    Operating and storage junction temperature range
       TJ, Tstg: -55℃ to +150℃




Similar Part No. - 2SC3052

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC3052 ISAHAYA-2SC3052 Datasheet
220Kb / 5P
   LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
logo
SHIKUES Electronics
2SC3052 SKTECHNOLGY-2SC3052 Datasheet
2Mb / 3P
   Excellent linearity of DC forward current gain
logo
Jiangsu Changjiang Elec...
2SC3052 JIANGSU-2SC3052 Datasheet
80Kb / 1P
   TRANSISTOR (NPN)
logo
Jinan Jing Heng Electro...
2SC3052 JINGHENG-2SC3052 Datasheet
1Mb / 5P
   NPN Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
2SC3052 KEXIN-2SC3052 Datasheet
41Kb / 1P
   NPN Transistor
More results


Similar Description - 2SC3052

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com