Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3CA1837 Datasheet (PDF) - Jiangsu Changjiang Electronics Technology Co., Ltd

3CA1837 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd
Part # 3CA1837
Download  3CA1837 Download

File Size   107.37 Kbytes
Page   2 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TRANSISTOR (PNP)

3CA1837 Datasheet (PDF)

Go To PDF Page Download Datasheet
3CA1837 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 3CA1837
Download  3CA1837 Click to download

File Size   107.37 Kbytes
Page   2 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TRANSISTOR (PNP)

3CA1837 Datasheet (HTML) - Jiangsu Changjiang Electronics Technology Co., Ltd

3CA1837 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 3CA1837 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd

3CA1837 Product details

TRANSISTOR (PNP)

FEATURES
• High Transition Frequency : fT=70MHZ(Typ)
• Complementary to 3DA4793
• Collector Power Dissipation
   PCM : 2W (Tamb=25℃)
              20 W (Tcase=25℃)




Similar Part No. - 3CA1837

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
3CA1837 FOSHAN-3CA1837 Datasheet
1,018Kb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
More results


Similar Description - 3CA1837

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com