Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C9V1 Datasheet (PDF) - Jiangsu Changjiang Electronics Technology Co., Ltd

BZX84C9V1 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd
Part # BZX84C9V1
Download  BZX84C9V1 Download

File Size   134.29 Kbytes
Page   3 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description Plastic-Encapsulate Diode

BZX84C9V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C9V1 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BZX84C9V1
Download  BZX84C9V1 Click to download

File Size   134.29 Kbytes
Page   3 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description Plastic-Encapsulate Diode

BZX84C9V1 Datasheet (HTML) - Jiangsu Changjiang Electronics Technology Co., Ltd

BZX84C9V1 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX84C9V1 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX84C9V1 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd

BZX84C9V1 Product details

Features
• Planar Die Construction
• 350mW Power Dissipation
• Zener Voltages from 2.4V - 51V
• Ideally Suited for Automated Assembly Processes




Similar Part No. - BZX84C9V1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C9V1 VISHAY-BZX84C9V1 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
BZX84C9V1 BWTECH-BZX84C9V1 Datasheet
287Kb / 2P
   ZENER VOLTAGE REGULATORS
logo
Guilin Strong Micro-Ele...
BZX84C9V1 GSME-BZX84C9V1 Datasheet
247Kb / 3P
   SOT-23 SURFACE MOUNT ZENER DIODE
logo
Central Semiconductor C...
BZX84C9V1 CENTRAL-BZX84C9V1 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
logo
Dongguan City Niuhang E...
BZX84C9V1 NIUHANG-BZX84C9V1 Datasheet
1Mb / 6P
   PLASTIC-ENCAPSULATE ZENER DIODE
More results


Similar Description - BZX84C9V1

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAV199 SECOS-BAV199 Datasheet
1Mb / 2P
   Plastic-Encapsulate Diode
logo
SHENZHEN YONGERJIA INDU...
MMBZ5221B WINNERJOIN-MMBZ5221B_15 Datasheet
137Kb / 2P
   Plastic-Encapsulate Diode
logo
TRANSYS Electronics Lim...
MMBD4448AQW TEL-MMBD4448AQW Datasheet
121Kb / 2P
   Plastic-Encapsulate Diode
logo
SeCoS Halbleitertechnol...
BAV70DW SECOS-BAV70DW Datasheet
257Kb / 2P
   Switching Diode Plastic-Encapsulate Diode
BAV199DW SECOS-BAV199DW Datasheet
104Kb / 1P
   Switching Diode Plastic-Encapsulate Diode
BAV199DW SECOS-BAV199DW_15 Datasheet
104Kb / 1P
   Switching Diode Plastic-Encapsulate Diode
SCS401F SECOS-SCS401F_15 Datasheet
139Kb / 2P
   Plastic-Encapsulate Schottky Diode
logo
Dongguan City Niuhang E...
MMBD4148 NIUHANG-MMBD4148 Datasheet
212Kb / 3P
   PLASTIC-ENCAPSULATE SWITCHING DIODE
BZT52B2V4 NIUHANG-BZT52B2V4 Datasheet
1Mb / 6P
   PLASTIC-ENCAPSULATE ZENER DIODE
BZT52C2V0S NIUHANG-BZT52C2V0S Datasheet
1Mb / 6P
   PLASTIC-ENCAPSULATE ZENER DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com