Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLA-13-6015 Datasheet (PDF) - Teledyne Technologies Incorporated

TLA-13-6015 Datasheet PDF - Teledyne Technologies Incorporated
Part # TLA-13-6015
Download  TLA-13-6015 Download

File Size   891.87 Kbytes
Page   2 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Low Noise Amplifier 6 GHz - 13 GHz

TLA-13-6015 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLA-13-6015 Datasheet PDF - Teledyne Technologies Incorporated

Part # TLA-13-6015
Download  TLA-13-6015 Click to download

File Size   891.87 Kbytes
Page   2 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Low Noise Amplifier 6 GHz - 13 GHz

TLA-13-6015 Datasheet (HTML) - Teledyne Technologies Incorporated

TLA-13-6015 Datasheet HTML 1Page - Teledyne Technologies Incorporated TLA-13-6015 Datasheet HTML 2Page - Teledyne Technologies Incorporated

TLA-13-6015 Product details

Low Noise Amplifier 6 GHz - 13 GHz

This Low Noise Amplifier offers low Noise figure performance of 3.2 dB over the band 6 GHz to 13 GHz with 43 dB Gain.

Teledyne Microwave amplifiers are balanced or feedback designs and manufactured with the latest MIC & MMIC technology. The GaAs FET’s used in these amplifiers are well established proven devices from multiple sources.

Teledyne Microwave offers a complete line of Narrow and broadband Amplifiers covering the frequency range 500 MHz to 40 GHz. These products are available in either connectorized packages or as modules. For a complete list of these products and more, please visit our website.

Other products from Teledyne Microwave include: Transceivers, Synthesizers, and YIG Products




Similar Part No. - TLA-13-6015

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TLA-13-6012 TELEDYNE-TLA-13-6012 Datasheet
893Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6013 TELEDYNE-TLA-13-6013 Datasheet
893Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6014 TELEDYNE-TLA-13-6014 Datasheet
893Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
More results


Similar Description - TLA-13-6015

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TLA-13-6012 TELEDYNE-TLA-13-6012 Datasheet
893Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6013 TELEDYNE-TLA-13-6013 Datasheet
893Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6014 TELEDYNE-TLA-13-6014 Datasheet
893Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6014 TELEDYNE-CLA-13-6014 Datasheet
898Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6015 TELEDYNE-CLA-13-6015 Datasheet
896Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6013 TELEDYNE-CLA-13-6013 Datasheet
898Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6012 TELEDYNE-CLA-13-6012 Datasheet
898Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
logo
TriQuint Semiconductor
TGA8399B-SCC TRIQUINT-TGA8399B-SCC Datasheet
211Kb / 8P
   6-13 GHz Low Noise Amplifier
TGA8399B TRIQUINT-TGA8399B Datasheet
281Kb / 4P
   6-13 GHz Low Noise Amplifier
TGA8399B-SCC TRIQUINT-TGA8399B-SCC_15 Datasheet
213Kb / 8P
   6-13 GHz Low Noise Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com