Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8S512K32A Datasheet (PDF) - Austin Semiconductor

AS8S512K32A Datasheet PDF - Austin Semiconductor
Part # AS8S512K32A
Download  AS8S512K32A Download

File Size   227.61 Kbytes
Page   12 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description SRAM

AS8S512K32A Datasheet (PDF)

Go To PDF Page Download Datasheet
AS8S512K32A Datasheet PDF - Austin Semiconductor

Part # AS8S512K32A
Download  AS8S512K32A Click to download

File Size   227.61 Kbytes
Page   12 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description SRAM

AS8S512K32A Datasheet (HTML) - Austin Semiconductor

Back Button AS8S512K32A Datasheet HTML 1Page - Austin Semiconductor AS8S512K32A Datasheet HTML 2Page - Austin Semiconductor AS8S512K32A Datasheet HTML 3Page - Austin Semiconductor AS8S512K32A Datasheet HTML 4Page - Austin Semiconductor AS8S512K32A Datasheet HTML 5Page - Austin Semiconductor AS8S512K32A Datasheet HTML 6Page - Austin Semiconductor AS8S512K32A Datasheet HTML 7Page - Austin Semiconductor AS8S512K32A Datasheet HTML 8Page - Austin Semiconductor AS8S512K32A Datasheet HTML 9Page - Austin Semiconductor AS8S512K32A Datasheet HTML 10Page - Austin Semiconductor Next Button 

AS8S512K32A Product details

GENERAL DESCRIPTION

The Austin Semiconductor, Inc. AS8S512K32 and AS8S512K32A are 16 Megabit CMOS SRAM Modules organized as 512Kx32 bits. These devices achieve high speed access, low power consumption and high reliability by employing advanced CMOS memory technology.



FEATURES

• Operation with single 5V supply

• High speed: 12, 15, 17, 20, 25 and 35ns

• Built in decoupling caps for low noise

• Organized as 512Kx32 , byte selectable

• Low power CMOS

• TTL Compatible Inputs and Outputs

• Future offerings

   3.3V Power Supply




Similar Part No. - AS8S512K32A

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8S512K32A AUSTIN-AS8S512K32A Datasheet
187Kb / 13P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32A AUSTIN-AS8S512K32A Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32AP-12/IT AUSTIN-AS8S512K32AP-12/IT Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32AP-12/Q AUSTIN-AS8S512K32AP-12/Q Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32AP-12/SPACE AUSTIN-AS8S512K32AP-12/SPACE Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
More results


Similar Description - AS8S512K32A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS5C4009 ETC1-AS5C4009 Datasheet
134Kb / 12P
   SRAM
AS5C4009LL ETC1-AS5C4009LL Datasheet
117Kb / 12P
   SRAM
logo
Austin Semiconductor
MT5C1001 AUSTIN-MT5C1001 Datasheet
166Kb / 13P
   SRAM
MT5C2564 AUSTIN-MT5C2564 Datasheet
125Kb / 11P
   SRAM
logo
Integrated Silicon Solu...
IS61NF25632 ISSI-IS61NF25632 Datasheet
155Kb / 20P
   SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
ARTSCHIP ELECTRONICS CO...
M48T08 ARTSCHIP-M48T08 Datasheet
7Mb / 27P
   TIMEKEEPER SRAM
logo
Sharp Corporation
LH525C9N SHARP-LH525C9N Datasheet
449Kb / 17P
   256K SRAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com