Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9065A Datasheet (PDF) - Gennum Corporation

GS9065A Datasheet PDF - Gennum Corporation
Part # GS9065A
Download  GS9065A Download

File Size   439.14 Kbytes
Page   27 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker

GS9065A Datasheet (PDF)

Go To PDF Page Download Datasheet
GS9065A Datasheet PDF - Gennum Corporation

Part # GS9065A
Download  GS9065A Click to download

File Size   439.14 Kbytes
Page   27 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker

GS9065A Datasheet (HTML) - Gennum Corporation

Back Button GS9065A Datasheet HTML 1Page - Gennum Corporation GS9065A Datasheet HTML 2Page - Gennum Corporation GS9065A Datasheet HTML 3Page - Gennum Corporation GS9065A Datasheet HTML 4Page - Gennum Corporation GS9065A Datasheet HTML 5Page - Gennum Corporation GS9065A Datasheet HTML 6Page - Gennum Corporation GS9065A Datasheet HTML 7Page - Gennum Corporation GS9065A Datasheet HTML 8Page - Gennum Corporation GS9065A Datasheet HTML 9Page - Gennum Corporation GS9065A Datasheet HTML 10Page - Gennum Corporation Next Button 

GS9065A Product details

Description
The GS1535A/9065A is a Multi-Rate Serial Digital Reclocker designed to automatically recover the embedded clock from a digital video signal and re-time the incoming video data.

Features
GS1535A
• SMPTE 292M, 259M and 344M compliant
• Supports data rates of 143, 177, 270, 360, 540, 1483.5, 1485 Mb/s
• Supports DVB-ASI at 270Mb/s
• Pb-free and RoHS Compliant
• Footprint compatible with the GS1535, GS9065 and GS9065A Automatic Reclockers
• Auto and Manual Modes for rate selection
• Standards indication in Auto Mode
• 4:1 input multiplexer
• Lock Detect Output
• On-chip Input and Output Termination
• Differential 50Ω inputs and outputs
• Mute, Bypass and Autobypass functions
• SD/HD indication output to control GS1528A Dual Slew-Rate Cable Driver
• Single 3.3V power supply
• Operating temperature range: 0°C to 70°C

GS9065A
• SMPTE 259M and 344M compliant
• Supports data rates of 143, 177, 270, 360, and 540Mb/s
• Supports DVB-ASI at 270Mb/s
• Pb-free and RoHS Compliant
• Footprint compatible with the GS1535, GS9065 and GS1535A Automatic Reclockers
• Auto and Manual Modes for rate selection
• Standards indication in Auto Mode
• 4:1 input multiplexer
• Lock Detect Output
• On-chip Input and Output Termination
• Differential 50Ω inputs and outputs
• Mute, Bypass and Autobypass functions
• Single 3.3V power supply
• Operating temperature range: 0°C to 70°C

Applications
GS1535A
• SMPTE 292M, SMPTE 259M and SMPTE 344M Serial Digital Interfaces

GS9065A
• SMPTE 259M and SMPTE 344M Serial Digital Interfaces.




Similar Part No. - GS9065A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9065A GENNUM-GS9065A Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
GS9065ACFUE3 GENNUM-GS9065ACFUE3 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
More results


Similar Description - GS9065A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com