Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPS58-M Datasheet (PDF) - Astec America, Inc

DPS58-M Datasheet PDF - Astec America, Inc
Part # DPS58-M
Download  DPS58-M Download

File Size   465.3 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 60 Watts

DPS58-M Datasheet (PDF)

Go To PDF Page Download Datasheet
DPS58-M Datasheet PDF - Astec America, Inc

Part # DPS58-M
Download  DPS58-M Click to download

File Size   465.3 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 60 Watts

DPS58-M Datasheet (HTML) - Astec America, Inc

DPS58-M Datasheet HTML 1Page - Astec America, Inc DPS58-M Datasheet HTML 2Page - Astec America, Inc

DPS58-M Product details

Total Power: 30 - 60 Watts
Input Voltage: 127 - 300 VDC, 90 - 264 VAC
# of Outputs: Single

Special Features
• Medical safety approvals
• CE Mark EMC & LVD
• Universal AC input
• Fully regulated output
• Overload and short circuit protection
• Internal remote sense
• Constant voltage
• High efficiency
• High MTBF
• IEC320 AC receptacle, 3 pin (type C14)
• Built in EMI filter (CISPR 22 Class B)
• LED power good indicator
• Input power <74 watts
• Complies with EN61000-3-2




Similar Part No. - DPS58-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DPS58-M EMERSON-NETWORKPOWER-DPS58-M Datasheet
464Kb / 2P
   Medical safety approvals
More results


Similar Description - DPS58-M

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DAS60-480 ASTEC-DAS60-480 Datasheet
137Kb / 2P
   60 Watts
ALQ15AF48N-6 ASTEC-ALQ15AF48N-6 Datasheet
408Kb / 2P
   60 Watts
LPS50-M ASTEC-LPS50-M Datasheet
595Kb / 2P
   60 Watts
logo
Anaren Microwave
60-50TP ANAREN-60-50TP Datasheet
284Kb / 2P
   60 Watts
logo
Astec America, Inc
APA18 ASTEC-APA18 Datasheet
202Kb / 2P
   60 Watts
logo
Emerson Network Power
NPS62-M EMERSON-NETWORKPOWER-NPS62-M Datasheet
388Kb / 3P
   60 Watts
logo
Astec America, Inc
APC18 ASTEC-APC18 Datasheet
749Kb / 2P
   60 Watts
LPS50 ASTEC-LPS50 Datasheet
595Kb / 2P
   60 Watts
logo
Anaren Microwave
60-50TPR ANAREN-60-50TPR Datasheet
227Kb / 2P
   60 Watts
60-50TP-S ANAREN-60-50TP-S Datasheet
284Kb / 2P
   60 Watts
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com