Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC87C52-33IKR Datasheet (PDF) - TEMIC Semiconductors

TSC87C52-33IKR Datasheet PDF - TEMIC Semiconductors
Part # TSC87C52-33IKR
Download  TSC87C52-33IKR Download

File Size   184.59 Kbytes
Page   24 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description CMOS 0 to 33 MHz Programmable 8-bit Microcontroller

TSC87C52-33IKR Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC87C52-33IKR Datasheet PDF - TEMIC Semiconductors

Part # TSC87C52-33IKR
Download  TSC87C52-33IKR Click to download

File Size   184.59 Kbytes
Page   24 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description CMOS 0 to 33 MHz Programmable 8-bit Microcontroller

TSC87C52-33IKR Datasheet (HTML) - TEMIC Semiconductors

Back Button TSC87C52-33IKR Datasheet HTML 1Page - TEMIC Semiconductors TSC87C52-33IKR Datasheet HTML 2Page - TEMIC Semiconductors TSC87C52-33IKR Datasheet HTML 3Page - TEMIC Semiconductors TSC87C52-33IKR Datasheet HTML 4Page - TEMIC Semiconductors TSC87C52-33IKR Datasheet HTML 5Page - TEMIC Semiconductors TSC87C52-33IKR Datasheet HTML 6Page - TEMIC Semiconductors TSC87C52-33IKR Datasheet HTML 7Page - TEMIC Semiconductors TSC87C52-33IKR Datasheet HTML 8Page - TEMIC Semiconductors TSC87C52-33IKR Datasheet HTML 9Page - TEMIC Semiconductors TSC87C52-33IKR Datasheet HTML 10Page - TEMIC Semiconductors Next Button 

TSC87C52-33IKR Product details

Description

TEMIC’s TSC87C52 is high performance CMOS EPROM version of the 80C52 CMOS single chip 8 bit
microcontroller.

The fully static design of the TSC87C52 allows to reduce system power consumption by bringing the clock frequency down to any value, even DC, without loss of data.



Features
● 8 Kbytes of EPROM
    • Improved Quick Pulse programming algorithm
    • Secret ROM by encryption
● 256 bytes of RAM
● 64 Kbytes program memory space
● 64 Kbytes data memory space
● 32 programmable I/O lines
● Three 16 bit timer/counters including enhanced timer 2
● Programmable serial port with framing error detection
● Power control modes
● Two–level interrupt priority
● Fully static design
● 0.8µ SCMOS non volatile process
● ONCE Mode
● Enhanced Hooks system for emulation purpose
● Available temperature ranges:
    • commercial
    • industrial
● Available packages:
    • PDIP40 (OTP)
    • PLCC44 (OTP)
    • PQFP44 (OTP)
    • CQPJ44 (UV erasable)
    • CERDIP40 (UV erasable)



Similar Part No. - TSC87C52-33IKR

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C52-12CA TEMIC-TSC87C52-12CA Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-12CB TEMIC-TSC87C52-12CB Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-16CA TEMIC-TSC87C52-16CA Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-16CB TEMIC-TSC87C52-16CB Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
More results


Similar Description - TSC87C52-33IKR

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_03 Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com