Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3386U Datasheet (PDF) - DB Lectro Inc

3386U Datasheet PDF - DB Lectro Inc
Part # 3386U
Download  3386U Download

File Size   197.72 Kbytes
Page   1 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description 9.6횞9.6 Square/ Single Turn /Trimming Potentiometer

3386U Datasheet (PDF)

Go To PDF Page Download Datasheet
3386U Datasheet PDF - DB Lectro Inc

Part # 3386U
Download  3386U Click to download

File Size   197.72 Kbytes
Page   1 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description 9.6횞9.6 Square/ Single Turn /Trimming Potentiometer

3386U Datasheet (HTML) - DB Lectro Inc

3386U Datasheet HTML 1Page - DB Lectro Inc

3386U Product details

Square Trimming Potentiometer

■ Single Turn/ Cermet/ Industrial / sealed
■ 8 terminal styles
■ RoHS Compliant




Similar Part No. - 3386U

ManufacturerPart #DatasheetDescription
logo
Vatronics Technologies ...
3386U VATRONICS-3386U Datasheet
79Kb / 3P
   9mm Square Single-Turn Trimmer Potentiometers
More results


Similar Description - 3386U

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3386H DBLECTRO-3386H Datasheet
198Kb / 1P
   9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386Y DBLECTRO-3386Y Datasheet
194Kb / 1P
   9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386F DBLECTRO-3386F Datasheet
198Kb / 1P
   9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386C DBLECTRO-3386C Datasheet
198Kb / 1P
   9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386P DBLECTRO-3386P Datasheet
200Kb / 1P
   9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386W DBLECTRO-3386W Datasheet
194Kb / 1P
   9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386T DBLECTRO-3386T Datasheet
199Kb / 1P
   9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3323P DBLECTRO-3323P Datasheet
198Kb / 1P
   7횞7 Square/ Single Turn /Trimming Potentiometer
3362P DBLECTRO-3362P Datasheet
205Kb / 1P
   7횞7.2 Square/Single Turn/Trimming Potentiometer
3323U DBLECTRO-3323U Datasheet
196Kb / 1P
   7횞7 Square/ Single Turn /Trimming Potentiometer
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com