Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B08240BA1 Datasheet (PDF) - DB Lectro Inc

B08240BA1 Datasheet PDF - DB Lectro Inc
Part # B08240BA1
Download  B08240BA1 Download

File Size   212.39 Kbytes
Page   1 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description FEMALE HEADER PROFILE : 8.5mm STRAIGHT

B08240BA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
B08240BA1 Datasheet PDF - DB Lectro Inc

Part # B08240BA1
Download  B08240BA1 Click to download

File Size   212.39 Kbytes
Page   1 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description FEMALE HEADER PROFILE : 8.5mm STRAIGHT

B08240BA1 Datasheet (HTML) - DB Lectro Inc

B08240BA1 Datasheet HTML 1Page - DB Lectro Inc



Similar Part No. - B08240BA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B0820-2R5225 ETC2-B0820-2R5225 Datasheet
59Kb / 2P
   Aerogel Capacitors
logo
Cooper Bussmann, Inc.
B0820-2R5225-R COOPER-B0820-2R5225-R Datasheet
250Kb / 2P
   Supercapacitors
logo
Eaton All Rights Reserv...
B0820-2R5225-R EATON-B0820-2R5225-R Datasheet
364Kb / 3P
   Cylindrical cells
logo
Anaren Microwave
B0826A5003A00 ANAREN-B0826A5003A00 Datasheet
232Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 200廓 Balanced
B0826A5003P00 ANAREN-B0826A5003P00 Datasheet
232Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 200廓 Balanced
More results


Similar Description - B08240BA1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCB9D04BT1 DUBILIER-DBCIDCB9D04BT1 Datasheet
112Kb / 1P
   FEMALE HEADERS FEMALE HEADER STRAIGHT - 8.5mm FORMED LEG PROFILE
logo
DB Lectro Inc
B09 DBLECTRO-B09 Datasheet
220Kb / 1P
   FEMALE HEADER PROFILE : 8.5mm BENDING LEGS
B31 DBLECTRO-B31 Datasheet
238Kb / 1P
   FEMALE HEADER PROFILE : 6.4mm STRAIGHT
B01 DBLECTRO-B01 Datasheet
236Kb / 1P
   FEMALE HEADER PROFILE : 3.5mm STRAIGHT
B10 DBLECTRO-B10 Datasheet
243Kb / 1P
   FEMALE HEADER PROFILE : 8.6mm STRAIGHT
B04 DBLECTRO-B04 Datasheet
431Kb / 1P
   FEMALE HEADER PROFILE : 5.5mm STRAIGHT
B06 DBLECTRO-B06 Datasheet
230Kb / 1P
   FEMALE HEADER PROFILE : 8.4mm STRAIGHT
B12 DBLECTRO-B12 Datasheet
210Kb / 1P
   FEMALE HEADER PROFILE : 8.6mm STRAIGHT
B13 DBLECTRO-B13 Datasheet
225Kb / 1P
   FEMALE HEADER PROFILE : 4.5mm STRAIGHT
B26 DBLECTRO-B26 Datasheet
240Kb / 1P
   FEMALE HEADER PROFILE : 7.0mm STRAIGHT
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com