Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B2825BDBBA1 Datasheet (PDF) - DB Lectro Inc

B2825BDBBA1 Datasheet PDF - DB Lectro Inc
Part # B2825BDBBA1
Download  B2825BDBBA1 Download

File Size   265.86 Kbytes
Page   1 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description FEMALE HEADER (1.27mm X 1.27mm)

B2825BDBBA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
B2825BDBBA1 Datasheet PDF - DB Lectro Inc

Part # B2825BDBBA1
Download  B2825BDBBA1 Click to download

File Size   265.86 Kbytes
Page   1 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description FEMALE HEADER (1.27mm X 1.27mm)

B2825BDBBA1 Datasheet (HTML) - DB Lectro Inc

B2825BDBBA1 Datasheet HTML 1Page - DB Lectro Inc



Similar Part No. - B2825BDBBA1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B280 DIODES-B280 Datasheet
44Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. A-2
B280 DIODES-B280 Datasheet
265Kb / 3P
   2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 6 - 2
logo
Compact Technology Corp...
B280 CTC-B280 Datasheet
85Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
B280-13-F DIODES-B280-13-F Datasheet
265Kb / 3P
   2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 6 - 2
logo
Compact Technology Corp...
B280A CTC-B280A Datasheet
50Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - B2825BDBBA1

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
127183MA020G210ZR SUYIN-USA-127183MA020G210ZR Datasheet
109Kb / 1P
   1.27mm 1.27mm BOX HEADER SMD TYPE
logo
Molex Electronics Ltd.
0459703313 MOLEX6-0459703313 Datasheet
1Mb / 12P
   1.27mm (.050") x 1.27mm (.050") Pitch SEARAY* Plug
logo
SUYIN USA, INC.
127048MA006GX00ZO SUYIN-USA-127048MA006GX00ZO Datasheet
62Kb / 1P
   1.27mm PITCH PIN HEADER
logo
Wurth Elektronik GmbH &...
6220XX21121 WURTH-6220XX21121 Datasheet
275Kb / 1P
   1.27MM DUAL PIN HEADER
logo
Harwin Plc
M55-6101242R HARWIN-M55-6101242R Datasheet
164Kb / 2P
   1.27mm PITCH HORIZONTIAL FEMALE CONNECTOR
M55-6001242R HARWIN-M55-6001242R Datasheet
239Kb / 3P
   1.27mm PITCH VERTICAL FEMALE CONNECTOR
logo
Yamaichi Electronics Co...
NFP-10G-0100BF YAMAICHI-NFP-10G-0100BF Datasheet
46Kb / 1P
   IDC Transition Header (1.27mm Pitch)
logo
Dubilier
DBCIDCC42A26BG1 DUBILIER-DBCIDCC42A26BG1 Datasheet
96Kb / 1P
   IDC SHROUDED LATCHED HEADER 1.27mm
DBCIDCC7S30BGA1 DUBILIER-DBCIDCC7S30BGA1 Datasheet
84Kb / 1P
   IDC BOX HEADER SMT 1.27mm
DBCIDCC4226BG1 DUBILIER-DBCIDCC4226BG1 Datasheet
91Kb / 1P
   IDC BOX HEADER STRAIGHT 1.27mm
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com