Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTP-99WHCT-G6-H/W Datasheet (PDF) - DB Lectro Inc

BTP-99WHCT-G6-H/W Datasheet PDF - DB Lectro Inc
Part # BTP-99WHCT-G6-H/W
Download  BTP-99WHCT-G6-H/W Download

File Size   523.81 Kbytes
Page   8 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description ProLite 1W SMD Star

BTP-99WHCT-G6-H/W Datasheet (PDF)

Go To PDF Page Download Datasheet
BTP-99WHCT-G6-H/W Datasheet PDF - DB Lectro Inc

Part # BTP-99WHCT-G6-H/W
Download  BTP-99WHCT-G6-H/W Click to download

File Size   523.81 Kbytes
Page   8 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description ProLite 1W SMD Star

BTP-99WHCT-G6-H/W Datasheet (HTML) - DB Lectro Inc

BTP-99WHCT-G6-H/W Datasheet HTML 1Page - DB Lectro Inc BTP-99WHCT-G6-H/W Datasheet HTML 2Page - DB Lectro Inc BTP-99WHCT-G6-H/W Datasheet HTML 3Page - DB Lectro Inc BTP-99WHCT-G6-H/W Datasheet HTML 4Page - DB Lectro Inc BTP-99WHCT-G6-H/W Datasheet HTML 5Page - DB Lectro Inc BTP-99WHCT-G6-H/W Datasheet HTML 6Page - DB Lectro Inc BTP-99WHCT-G6-H/W Datasheet HTML 7Page - DB Lectro Inc BTP-99WHCT-G6-H/W Datasheet HTML 8Page - DB Lectro Inc

BTP-99WHCT-G6-H/W Product details

Features
◾ Highest Lumen Per Watt
◾ Long Operational Life
◾ White Housing
◾ Superior ESD Protection
◾ Instant Light (less than 100ns)
◾ Compatible to Luxeon’s “Lambertian”
◾ True SMD Emitter

Applications
◾ Accent Light/Down Light/Spot Light
◾ Automotive Exterior/Interior Light
◾ Large Area LCD Backlights
◾ Marine/Miner’s Lighting
◾ Portable Flashlight/ General Lighting




Similar Part No. - BTP-99WHCT-G6-H/W

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTP-99WHCG-B5-H/W DBLECTRO-BTP-99WHCG-B5-H/W Datasheet
539Kb / 10P
   ProLite 1W SMD Emitter
BTP-99WHCG-B5-J/W DBLECTRO-BTP-99WHCG-B5-J/W Datasheet
539Kb / 10P
   ProLite 1W SMD Emitter
BTP-99WHCG-B5-M/W DBLECTRO-BTP-99WHCG-B5-M/W Datasheet
539Kb / 10P
   ProLite 1W SMD Emitter
BTP-99WHCG-B5-N/W DBLECTRO-BTP-99WHCG-B5-N/W Datasheet
539Kb / 10P
   ProLite 1W SMD Emitter
BTP-99WHCG-B5-X/W DBLECTRO-BTP-99WHCG-B5-X/W Datasheet
539Kb / 10P
   ProLite 1W SMD Emitter
More results


Similar Description - BTP-99WHCT-G6-H/W

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTP5-99XXCT-XX-X DBLECTRO-BTP5-99XXCT-XX-X Datasheet
328Kb / 7P
   ProLite 5W SMD Star
BTP-99XXCG-XX-X DBLECTRO-BTP-99XXCG-XX-X Datasheet
539Kb / 10P
   ProLite 1W SMD Emitter
BTP-89XXCT-XX-X DBLECTRO-BTP-89XXCT-XX-X Datasheet
407Kb / 6P
   BriLux 1W Star
BTP3-99XXCG-XX-X DBLECTRO-BTP3-99XXCG-XX-X Datasheet
372Kb / 10P
   ProLite 3W SMD Emitter
BTP-87XXCT-XX-X DBLECTRO-BTP-87XXCT-XX-X Datasheet
403Kb / 6P
   BriLux 1W Star Emitter
logo
HK TO-GRACE TECHNOLOGY ...
VLMR71AAAC-GS08 TO-GRACE-VLMR71AAAC-GS08 Datasheet
797Kb / 7P
   Little Star 1 W Power SMD LED
logo
Minmax Technology Co., ...
MSAU100 MINMAX-MSAU100_15 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
MSAU200 MINMAX-MSAU200_15 Datasheet
654Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Delta Electronics, Inc.
SH01S DELTA-SH01S Datasheet
208Kb / 5P
   1W DC/DC CONVERTER, SMD-Package
SA01D DELTA-SA01D_14 Datasheet
335Kb / 7P
   1W DC/DC CONVERTER, SMD-Package
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com