Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G916-160T1U Datasheet (PDF) - Global Mixed-mode Technology Inc

G916-160T1U Datasheet PDF - Global Mixed-mode Technology Inc
Part # G916-160T1U
Download  G916-160T1U Download

File Size   480.5 Kbytes
Page   13 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 300mA High PSRR, Low Noise, LDO Regulators

G916-160T1U Datasheet (PDF)

Go To PDF Page Download Datasheet
G916-160T1U Datasheet PDF - Global Mixed-mode Technology Inc

Part # G916-160T1U
Download  G916-160T1U Click to download

File Size   480.5 Kbytes
Page   13 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 300mA High PSRR, Low Noise, LDO Regulators

G916-160T1U Datasheet (HTML) - Global Mixed-mode Technology Inc

Back Button G916-160T1U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G916-160T1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G916-160T1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G916-160T1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G916-160T1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G916-160T1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G916-160T1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G916-160T1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G916-160T1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc G916-160T1U Datasheet HTML 10Page - Global Mixed-mode Technology Inc Next Button 

G916-160T1U Product details

General Description

The G916 series is a low supply current, high PSRR, low noise, and low dropout linear regulator that comes

in a space saving TSOT-23-5, SOT-23-5 package. The supply current at no-load is 90µA. In the shutdown mode, the maximum supply current is less than 1µA. Operating voltage range is from 2.5V to 6.0V. The over-current protection limit is set at 550mA typical. An over- temperature protection circuit is built-in in the Device to prevent thermal overload. These power saving features make the G916 series ideal for use in

the battery-powered applications such as notebook computers, cellular phones, and PDA’s.



Features

Low, 90µA No-Load Supply Current

Guaranteed 300mA Output Current

Dropout Voltage is 200mV @ 150mA Load

PSRR=65dB @ 120Hz; 55dB @ 1kHz

Over-Temperature Protection and Short-Circuit Protection

Fixed Mode: 1.20V~5.00V (G916-XXX)

Adjustable Mode: from 1.25V to 5.50V (G916)

Max. Supply Current in Shutdown Mode < 1µA

Low Output Noise at 28µVRMS with bypass Capacitor

Stable with low cost ceramic capacitors



Applications

Notebook Computers

Cellular Phones

PDAs

Digital still Camera and Video Recorders

Hand-Held Devices

Audio Codec




Similar Part No. - G916-160T1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G916-500 GMT-G916-500 Datasheet
48Kb / 1P
   500mA High PSRR, Low Noise, LDO Regulators
More results


Similar Description - G916-160T1U

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G917 GMT-G917 Datasheet
84Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G916 GMT-G916_15 Datasheet
91Kb / 2P
   300mA High PSRR, Low Noise, LDO Regulators
G914X GMT-G914X_15 Datasheet
63Kb / 1P
   300mA High PSRR, Low-Noise LDO Regulators
G918 GMT-G918 Datasheet
49Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com