Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49LV8011T Datasheet (PDF) - ATMEL Corporation

AT49LV8011T Datasheet PDF - ATMEL Corporation
Part # AT49LV8011T
Download  AT49LV8011T Download

File Size   306.54 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory

AT49LV8011T Datasheet (PDF)

Go To PDF Page Download Datasheet
AT49LV8011T Datasheet PDF - ATMEL Corporation

Part # AT49LV8011T
Download  AT49LV8011T Click to download

File Size   306.54 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory

AT49LV8011T Datasheet (HTML) - ATMEL Corporation

Back Button AT49LV8011T Datasheet HTML 1Page - ATMEL Corporation AT49LV8011T Datasheet HTML 2Page - ATMEL Corporation AT49LV8011T Datasheet HTML 3Page - ATMEL Corporation AT49LV8011T Datasheet HTML 4Page - ATMEL Corporation AT49LV8011T Datasheet HTML 5Page - ATMEL Corporation AT49LV8011T Datasheet HTML 6Page - ATMEL Corporation AT49LV8011T Datasheet HTML 7Page - ATMEL Corporation AT49LV8011T Datasheet HTML 8Page - ATMEL Corporation AT49LV8011T Datasheet HTML 9Page - ATMEL Corporation AT49LV8011T Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT49LV8011T Product details

Description
The AT49BV/LV8011(T) is a 2.7- to 3.3-volt 8-megabit Flash memory organized as 524,288 words of 16 bits each or 1,048,576 bytes of 8 bits each. The x16 data appears on I/O0 - I/O15; the x8 data appears on I/O0 - I/O7. The memory is divided into 22 sectors for erase operations. The device is offered in 48-pin TSOP and 48-ball CBGA packages.

Features
• Single Supply for Read and Write: 2.7V to 3.3V (BV), 3.0V to 3.3V (LV)
• Access Time – 90 ns
• Sector Erase Architecture
   Fourteen 32K Word (64K Byte) Sectors with Individual Write Lockout
   Two 16K Word (32K Byte) Sectors with Individual Write Lockout
   Two 8K Word (16K Byte) Sectors with Individual Write Lockout
   Four 4K Word (8K Byte) Sectors with Individual Write Lockout
• Fast Word Program Time – 20 µs
• Fast Sector Erase Time – 200 ms
• Dual Plane Organization, Permitting Concurrent Read while Program/Erase
   Memory Plane A: Four 4K Word, Two 8K Word and Two 16K Word Sectors
   Memory Plane B: Fourteen 32K Word Sectors
• Erase Suspend Capability
   – Supports Reading/Programming Data from Any Sector by Suspending Erase of Any Different Sector
• Low-power Operation
   – 25 mA Active
   – 10 µA Standby
• Data Polling, Toggle Bit, Ready/Busy for End of Program Detection
• Optional VPP Pin for Fast Programming
• RESET Input for Device Initialization
• Sector Program Unlock Command
• TSOP and CBGA Package Options
• Top or Bottom Boot Block Configuration Available




Similar Part No. - AT49LV8011T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV8192 ATMEL-AT49LV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49LV8192-12RC ATMEL-AT49LV8192-12RC Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49LV8192-12RI ATMEL-AT49LV8192-12RI Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49LV8192-12TC ATMEL-AT49LV8192-12TC Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49LV8192-12TI ATMEL-AT49LV8192-12TI Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
More results


Similar Description - AT49LV8011T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
   8-Megabit 1M x 8 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com