Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD404394FP Datasheet (PDF) - Hitachi Semiconductor

HD404394FP Datasheet PDF - Hitachi Semiconductor
Part # HD404394FP
Download  HD404394FP Download

File Size   610.02 Kbytes
Page   100 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4-bit microcomputers

HD404394FP Datasheet (PDF)

Go To PDF Page Download Datasheet
HD404394FP Datasheet PDF - Hitachi Semiconductor

Part # HD404394FP
Download  HD404394FP Click to download

File Size   610.02 Kbytes
Page   100 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4-bit microcomputers

HD404394FP Datasheet (HTML) - Hitachi Semiconductor

Back Button HD404394FP Datasheet HTML 1Page - Hitachi Semiconductor HD404394FP Datasheet HTML 2Page - Hitachi Semiconductor HD404394FP Datasheet HTML 3Page - Hitachi Semiconductor HD404394FP Datasheet HTML 4Page - Hitachi Semiconductor HD404394FP Datasheet HTML 5Page - Hitachi Semiconductor HD404394FP Datasheet HTML 6Page - Hitachi Semiconductor HD404394FP Datasheet HTML 7Page - Hitachi Semiconductor HD404394FP Datasheet HTML 8Page - Hitachi Semiconductor HD404394FP Datasheet HTML 9Page - Hitachi Semiconductor HD404394FP Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

HD404394FP Product details

Description
The HD404344R series and HD404394 series 4-bit microcomputers are products of the HMCS400 series, which is designed to make application systems compact while realizing higher performance and increasing program productivity.

Features
•  Input/output pins
    ―  HD404344R series, HD4074344: 22 pins
        (10pins: Large-current I/O pins)
    ―  HD404394 series: 21 pins
        (3 pins: intermediate-voltage NMOS open drain I/O; 5 pins: NMOS open drain I/O with 15-mA high-current driver)
•  Two timer/counters
    ―  One timer output
    ―  One event counter input (with programmable edge detection)
•  8-bit clock-synchronous serial interface (1 channel)
•  On-chip A/D converter
    ―  HD404344R series, HD4074344: 8 bit × 4 channel
    ―  HD404394 series: 8 bit × 3 channel (with Vref pin)
•  Built-in oscillator
    ―  HD404344R Series
        Ceramic oscillator, CR oscillation, External clock drive is also possible.
    ―  HD404394 Series, HD4074344
        Ceramic oscillator, External clock drive is also possible.
•  Five interrupt sources
    ―  One by external source (with programmable edge detection)
    ―  Four by internal sources
•  Subroutine stack
    ―  Maximum 16 levels including interrupts
•  Two low-power dissipation modes
    ―  Standby mode
    ―  Stop mode
•  One input signal to return from stop mode
•  Instruction cycle time
    ―  1 µs (fOSC = 4 MHz)




Similar Part No. - HD404394FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404394 RENESAS-HD404394 Datasheet
333Kb / 102P
   4-bit microcomputer has an A/D converter
More results


Similar Description - HD404394FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HMCS404C HITACHI-HMCS404C Datasheet
1Mb / 25P
   4-Bit CMOS Microcomputers
logo
Hynix Semiconductor
GMS34004T HYNIX-GMS34004T Datasheet
326Kb / 7P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS34004 HYNIX-GMS34004 Datasheet
433Kb / 105P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
ZTB500E ETC-ZTB500E Datasheet
328Kb / 49P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Hynix Semiconductor
GMS36 HYNIX-GMS36 Datasheet
813Kb / 109P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
HMS38112 ETC-HMS38112 Datasheet
505Kb / 73P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Hynix Semiconductor
GMS30004 HYNIX-GMS30004 Datasheet
964Kb / 158P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS3637004 HYNIX-GMS3637004 Datasheet
1Mb / 110P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Renesas Technology Corp
HD404459 RENESAS-HD404459 Datasheet
420Kb / 122P
   4-bit HMCS400-series microcomputers
logo
Sanyo Semicon Device
LM6417 SANYO-LM6417 Datasheet
221Kb / 2P
   NMOS 4-Bit Single-Chip Microcomputers
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com