Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5382B Datasheet (PDF) - Pan Jit International Inc.

1N5382B Datasheet PDF - Pan Jit International Inc.
Part # 1N5382B
Download  1N5382B Download

File Size   306.32 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE- 11 to 200 Volts Power - 5.0 Watts)

1N5382B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5382B Datasheet PDF - Pan Jit International Inc.

Part # 1N5382B
Download  1N5382B Click to download

File Size   306.32 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE- 11 to 200 Volts Power - 5.0 Watts)

1N5382B Datasheet (HTML) - Pan Jit International Inc.

1N5382B Datasheet HTML 1Page - Pan Jit International Inc. 1N5382B Datasheet HTML 2Page - Pan Jit International Inc. 1N5382B Datasheet HTML 3Page - Pan Jit International Inc. 1N5382B Datasheet HTML 4Page - Pan Jit International Inc.

1N5382B Product details

FEATURES
• For surface mounted applications in order to optimize board space.
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Low inductance
• Typical ID less than 1.0µA above 13V
• Plastic package has Underwriters Laboratory Flammability Classification 94V-O
• Pb free product are available : 99% Sn can meet RoHS environment substance directive request

MECHANICAL DATA
   Case: JEDEC DO-201AE molded plastic
   Terminals: Axial leads, solderable per MIL-STD-750, Method 2026
   Polarity: Color band denoted cathode except Bipolar
   Mounting Position: Any
   Weight: 0.045 ounce, 1.2 gram




Similar Part No. - 1N5382B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5382B MOTOROLA-1N5382B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Tiger Electronic Co.,Lt...
1N5382B TGS-1N5382B Datasheet
811Kb / 5P
   Silicon planar power zener diodes
logo
ON Semiconductor
1N5382B ONSEMI-1N5382B Datasheet
82Kb / 8P
   5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
logo
Anova Technologies CO.,...
1N5382B ANOVA-1N5382B Datasheet
242Kb / 3P
   Axial Lead Zener Diodes
logo
Frontier Electronics.
1N5382B FRONTIER-1N5382B Datasheet
138Kb / 4P
   5 WATT SILICON ZENER DIODE
More results


Similar Description - 1N5382B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11 Datasheet
122Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 2.0 Watts)
1N5926B PANJIT-1N5926B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
3EZ11 PANJIT-3EZ11 Datasheet
461Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES(VOLTAGE- 11 to 200 Volts Power - 3.0 Watts)
1SMC5348 PANJIT-1SMC5348 Datasheet
122Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 5.0 Watts)
1SMB2EZ11 PANJIT-1SMB2EZ11 Datasheet
126Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 2.0 Watts)
1SMB5926 PANJIT-1SMB5926 Datasheet
87Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
1SMB3EZ11 PANJIT-1SMB3EZ11 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 3.0 Watts)
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A_10 Datasheet
626Kb / 5P
   1.0 Watts Glass Passivated Junction Silicon Zener Diode
logo
Micro Commercial Compon...
SMB3EZ200D5 MCC-SMB3EZ200D5 Datasheet
575Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 5.6-200 Volts
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com