Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3KP28 Datasheet (PDF) - Pan Jit International Inc.

3KP28 Datasheet PDF - Pan Jit International Inc.
Part # 3KP28
Download  3KP28 Download

File Size   173.47 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)

3KP28 Datasheet (PDF)

Go To PDF Page Download Datasheet
3KP28 Datasheet PDF - Pan Jit International Inc.

Part # 3KP28
Download  3KP28 Click to download

File Size   173.47 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)

3KP28 Datasheet (HTML) - Pan Jit International Inc.

3KP28 Datasheet HTML 1Page - Pan Jit International Inc. 3KP28 Datasheet HTML 2Page - Pan Jit International Inc. 3KP28 Datasheet HTML 3Page - Pan Jit International Inc. 3KP28 Datasheet HTML 4Page - Pan Jit International Inc. 3KP28 Datasheet HTML 5Page - Pan Jit International Inc. 3KP28 Datasheet HTML 6Page - Pan Jit International Inc.

3KP28 Product details

STAND-OFF VOLTAGE 5 to 220 Volts

FEATURES
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O
• Glass passivated chip junction in P-600 package
• 3000W Peak Pulse Power capability at on 10/1000µs waveform
• Excellent clamping capability
• Low zener impedance
• Repetition rate(Duty Cycle):.05%
• Fast response time: typically less than 1.0 ps from 0 volts to BV min
• High temperature soldering guaranteed: 260°C/10 seconds/.375"
   ,(9.5mm) lead length/5lbs., (2.3kg) tension
• Lead free in comply with EU RoHS 2002/95/EC directives




Similar Part No. - 3KP28

ManufacturerPart #DatasheetDescription
logo
Surge Components
3KP28 SURGE-3KP28 Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Socay Electornics Co., ...
3KP28 SOCAY-3KP28 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Won-Top Electronics
3KP28 WTE-3KP28 Datasheet
68Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Pan Jit International I...
3KP28 PANJIT-3KP28 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
logo
Formosa MS
3KP28 FORMOSA-3KP28 Datasheet
69Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
More results


Similar Description - 3KP28

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
DB Lectro Inc
3KP DBLECTRO-3KP Datasheet
149Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
logo
Formosa MS
3KP5.0 FORMOSA-3KP5.0 Datasheet
69Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
StarHope
TVS-3KP SPSEMI-TVS-3KP Datasheet
322Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 220 Volts 3000 Watt Peak Pulse Power
logo
Leshan Radio Company
SA5.0 LRC-SA5.0 Datasheet
189Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts
logo
Surge Components
3KP SURGE-3KP Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Micro Commercial Compon...
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com