Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR39 Datasheet (PDF) - Pan Jit International Inc.

SR39 Datasheet PDF - Pan Jit International Inc.
Part # SR39
Download  SR39 Download

File Size   60.59 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 90 Volts CURRENT - 3.0 Amperes)

SR39 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR39 Datasheet PDF - Pan Jit International Inc.

Part # SR39
Download  SR39 Click to download

File Size   60.59 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 90 Volts CURRENT - 3.0 Amperes)

SR39 Datasheet (HTML) - Pan Jit International Inc.

SR39 Datasheet HTML 1Page - Pan Jit International Inc. SR39 Datasheet HTML 2Page - Pan Jit International Inc.

SR39 Product details

VOLTAGE 20 to 90 Volts CURRENT 3.0 Amperes

FEATURES
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Metal to silicon rectifier. majority carrier conduction
• Low power loss,high efficiency
• High surge capacity
• For use in low voltage high frequency inverters, free wheeling,
   and polarity protection applications
• Pb free product are available : 99% Sn above can meet Rohs
   environment substance directive request




Similar Part No. - SR39

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR39 MOSPEC-SR39 Datasheet
227Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
logo
Transys Electronics
SR39 TRSYS-SR39 Datasheet
171Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SR39 EIC-SR39 Datasheet
47Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
GOOD-ARK Electronics
SR39 GOOD-ARK-SR39 Datasheet
171Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Won-Top Electronics
SR39 WTE-SR39 Datasheet
47Kb / 4P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Similar Description - SR39

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX37 ETC1-SX37 Datasheet
43Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE- 20 to 90 Volts CURRENT- 3.0 Amperes
logo
Pan Jit International I...
SR22 PANJIT-SR22 Datasheet
58Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 90 Volts CURRENT - 2.0 Amperes)
SK32 PANJIT-SK32 Datasheet
61Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Surge Components
SK32 SURGE-SK32 Datasheet
80Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes???
logo
Rectron Semiconductor
FM5820B RECTRON-FM5820B Datasheet
30Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Amperes
FM5820 RECTRON-FM5820 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Amperes)
FM320B RECTRON-FM320B Datasheet
31Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes
FM5820A RECTRON-FM5820A Datasheet
29Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Amperes
FM320 RECTRON-FM320 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes)
FM320A RECTRON-FM320A Datasheet
31Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com