Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOD496 Datasheet (PDF) - Alpha & Omega Semiconductors

AOD496 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOD496
Download  AOD496 Download

File Size   123.18 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel Enhancement Mode Field Effect Transistor

AOD496 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD496 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOD496
Download  AOD496 Click to download

File Size   123.18 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel Enhancement Mode Field Effect Transistor

AOD496 Datasheet (HTML) - Alpha & Omega Semiconductors

AOD496 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD496 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD496 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD496 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD496 Datasheet HTML 5Page - Alpha & Omega Semiconductors

AOD496 Product details

General Description
The AOD496 uses advanced trench technology to provide excellent RDS(ON), low gate charge.This device is suitable for use as a high side switch in SMPS and general purpose applications. Standard Product AOD496 is Pb-free (meets ROHS & Sony 259 specifications). AOD496L is a Green Product ordering option. AOD496 and AOD496L are electrically identical.

Features
   VDS(V) = 30V
   ID= 62A (VGS= 10V)
   RDS(ON) < 9.5mΩ(VGS= 10V)
   RDS(ON)< 16mΩ(VGS= 4.5V)




Similar Part No. - AOD496

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD496 AOSMD-AOD496 Datasheet
147Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
AOD496 ISC-AOD496 Datasheet
361Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOD496A AOSMD-AOD496A Datasheet
202Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
AOD496A AOSMD-AOD496A Datasheet
495Kb / 6P
   30V N-Channel MOSFET
logo
Inchange Semiconductor ...
AOD496A ISC-AOD496A Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - AOD496

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com