Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD3542PGK-011 Datasheet (PDF) - PerkinElmer Optoelectronics

LD3542PGK-011 Datasheet PDF - PerkinElmer Optoelectronics
Part # LD3542PGK-011
Download  LD3542PGK-011 Download

File Size   179.15 Kbytes
Page   8 Pages
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics
Description Low-Cost Digital Linescan Camera

LD3542PGK-011 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD3542PGK-011 Datasheet PDF - PerkinElmer Optoelectronics

Part # LD3542PGK-011
Download  LD3542PGK-011 Click to download

File Size   179.15 Kbytes
Page   8 Pages
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics
Description Low-Cost Digital Linescan Camera

LD3542PGK-011 Datasheet (HTML) - PerkinElmer Optoelectronics

LD3542PGK-011 Datasheet HTML 1Page - PerkinElmer Optoelectronics LD3542PGK-011 Datasheet HTML 2Page - PerkinElmer Optoelectronics LD3542PGK-011 Datasheet HTML 3Page - PerkinElmer Optoelectronics LD3542PGK-011 Datasheet HTML 4Page - PerkinElmer Optoelectronics LD3542PGK-011 Datasheet HTML 5Page - PerkinElmer Optoelectronics LD3542PGK-011 Datasheet HTML 6Page - PerkinElmer Optoelectronics LD3542PGK-011 Datasheet HTML 7Page - PerkinElmer Optoelectronics LD3542PGK-011 Datasheet HTML 8Page - PerkinElmer Optoelectronics

LD3542PGK-011 Product details

Description
In the LD3500-series digital linescan camera, PerkinElmer has combined the best features of photodiode array detection, high-speed charge-coupled scanning, and digital line scan camera technology to offer an uncompromising solution to the increasing demands of advanced imaging applications.

Features
• 20 and 40 MHz output rate models
• Geometrically precise 14 µm square pixel linear CCD
• Small size: 2.5" H x 2.5" W x 3.2" L
• High dynamic range (250:1)
• CameraLink and Parallel LVDS video output models
• 8-bit grey scale resolution
• Antiblooming control
• Single power supply operation
• Electronic exposure control
• Adjustable gain levels
• CE mark certified
• Line scan rates to 68 kHz




Similar Part No. - LD3542PGK-011

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
LD3500 WTE-LD3500 Datasheet
24Kb / 2P
   35A 10mm LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500 Datasheet
29Kb / 2P
   35A LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500 Datasheet
32Kb / 2P
   35A LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500_06 Datasheet
29Kb / 2P
   35A LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500_14 Datasheet
32Kb / 2P
   35A LUCAS TYPE PRESS-FIT DIODE
More results


Similar Description - LD3542PGK-011

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VV6444 STMICROELECTRONICS-VV6444 Datasheet
352Kb / 60P
   Low Cost Digital Camera (LCDC) Chipset
logo
PerkinElmer Optoelectro...
LC3000 PERKINELMER-LC3000 Datasheet
94Kb / 8P
   High Performance, Low-Cost Analog Line Scan Camera
logo
NXP Semiconductors
SAA8122 PHILIPS-SAA8122 Datasheet
53Kb / 7P
   Digital Still Camera
1999 sep 01
logo
Zoran Corporation
ZR36470 ZORAN-ZR36470 Datasheet
81Kb / 2P
   Digital Camera Processor
logo
Samsung semiconductor
KS7301B SAMSUNG-KS7301B Datasheet
359Kb / 34P
   DIGITAL CAMERA PROCESSOR
logo
STMicroelectronics
STV0684 STMICROELECTRONICS-STV0684 Datasheet
487Kb / 49P
   Digital Camera Processor
logo
Samsung semiconductor
KS7306 SAMSUNG-KS7306 Datasheet
405Kb / 54P
   DIGITAL CAMERA PROCESSOR
logo
Hamamatsu Corporation
C4880-91 HAMAMATSU-C4880-91 Datasheet
98Kb / 2P
   Digital CCD Camera
C4880-50 HAMAMATSU-C4880-50 Datasheet
119Kb / 2P
   Digital CCD Camera
logo
Zoran Corporation
COACH10 ZORAN-COACH10 Datasheet
116Kb / 2P
   Digital Camera Processor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com