Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL1541-33KC-TU Datasheet (PDF) - Anpec Electronics Coropration

APL1541-33KC-TU Datasheet PDF - Anpec Electronics Coropration
Part # APL1541-33KC-TU
Download  APL1541-33KC-TU Download

File Size   132.67 Kbytes
Page   13 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V

APL1541-33KC-TU Datasheet (PDF)

Go To PDF Page Download Datasheet
APL1541-33KC-TU Datasheet PDF - Anpec Electronics Coropration

Part # APL1541-33KC-TU
Download  APL1541-33KC-TU Click to download

File Size   132.67 Kbytes
Page   13 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V

APL1541-33KC-TU Datasheet (HTML) - Anpec Electronics Coropration

Back Button APL1541-33KC-TU Datasheet HTML 1Page - Anpec Electronics Coropration APL1541-33KC-TU Datasheet HTML 2Page - Anpec Electronics Coropration APL1541-33KC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APL1541-33KC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APL1541-33KC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APL1541-33KC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APL1541-33KC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APL1541-33KC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APL1541-33KC-TU Datasheet HTML 9Page - Anpec Electronics Coropration APL1541-33KC-TU Datasheet HTML 10Page - Anpec Electronics Coropration Next Button 

APL1541-33KC-TU Product details

General Description

The APL1541 is a low dropout three-terminal adjustable regulators with 1A output current capability. In order to obtain lower dropout voltage and faster transient response, which is critical for low voltage applications , the APL1541 has been optimized.

The device is available in an adjustable version and fixed output voltages of 3.3V, the output available voltage range is from 1.25~7.75V with an input supply below 12V. Dropout voltage is guaranteed at a maximum of 1.3V at 1A.



Features

• Guaranteed Output Voltage Accuracy within 2%

• Fast Transient Response

• Guaranteed Dropout Voltage at Multiple Currents

• Load Regulation : 0.1% Typ.

• Line Regulation : 0.03% Typ.

• Low Dropout Voltage : 1.1V Typ. at IOUT =1A

• Current Limit : 1A Typ. at TJ=125 °C

• On-Chip Thermal Limiting : 150 °C Typ.

• Adjustable Output : 1.25~7.75V

• Standard 8-pin SO Power Package



Applications

• Peripheral Cards

• Active SCSI Terminators

• Low Voltage Logic Supplies

• Post Regulator for Switching Power Supply



 




Similar Part No. - APL1541-33KC-TU

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APL1545 ASB-APL1545 Datasheet
139Kb / 1P
   PLL Module
March 2004
APL1545 ASB-APL1545_13 Datasheet
118Kb / 2P
   PLL Synthesizer Module
June 2010
More results


Similar Description - APL1541-33KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1117D ANPEC-APL1117D Datasheet
114Kb / 11P
   1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V
APL1085 ANPEC-APL1085 Datasheet
546Kb / 11P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
logo
Aimtron Technology
AT1117 AIMTRON-AT1117 Datasheet
268Kb / 10P
   1A Low Dropout Fast Response Positive Adjustable Regulator
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com