Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL431LBBI-TB Datasheet (PDF) - Anpec Electronics Coropration

APL431LBBI-TB Datasheet PDF - Anpec Electronics Coropration
Part # APL431LBBI-TB
Download  APL431LBBI-TB Download

File Size   212.05 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Low Voltage Adjustable Precision Shunt Regulator

APL431LBBI-TB Datasheet (PDF)

Go To PDF Page Download Datasheet
APL431LBBI-TB Datasheet PDF - Anpec Electronics Coropration

Part # APL431LBBI-TB
Download  APL431LBBI-TB Click to download

File Size   212.05 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Low Voltage Adjustable Precision Shunt Regulator

APL431LBBI-TB Datasheet (HTML) - Anpec Electronics Coropration

Back Button APL431LBBI-TB Datasheet HTML 1Page - Anpec Electronics Coropration APL431LBBI-TB Datasheet HTML 2Page - Anpec Electronics Coropration APL431LBBI-TB Datasheet HTML 3Page - Anpec Electronics Coropration APL431LBBI-TB Datasheet HTML 4Page - Anpec Electronics Coropration APL431LBBI-TB Datasheet HTML 5Page - Anpec Electronics Coropration APL431LBBI-TB Datasheet HTML 6Page - Anpec Electronics Coropration APL431LBBI-TB Datasheet HTML 7Page - Anpec Electronics Coropration APL431LBBI-TB Datasheet HTML 8Page - Anpec Electronics Coropration APL431LBBI-TB Datasheet HTML 9Page - Anpec Electronics Coropration APL431LBBI-TB Datasheet HTML 10Page - Anpec Electronics Coropration Next Button 

APL431LBBI-TB Product details

General Description
The APL431L is a 3-terminal low voltage adjustable precision reference with specified thermal stability over applicable commercial temperature ranges. Output voltage may be set to any value between Vref (1. 24 V) and 20 V with two external resistors (see Figure 2). When used with an photocoupler, the APL431L is an ideal voltage reference in isolated feedback circuits for 3V to 12V switching-mode power supplies. This device has a typical output impedance of 0.1Ω. Active output circuitry provides a very sharp turn-on characteristic,making the APL431L excellent replacements for zener diodes in many applications, including on-board regulation and adjustable power supplies.

Features
• Precise Reference Voltage to 1.24V
• Guaranteed 0.5% or 1% Reference Voltage Tolerance
• Sink Current Capability, 80uA to 100mA
• Quick Turn-on
• Adjustable Output Voltage, VO = VREF to 20V
• Low Operational Cathode Current, 80µA Typical
• 0.1Ω Typical Output Impedance
• SOT-23-3, SOT-23-5, TO-92 and SOT-89 Packages
• Lead Free Available (RoHS Compliant)

Applications
• Linear Regulators
• Adjustable Power Supply
• Switching Power Supply




Similar Part No. - APL431LBBI-TB

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL431 ANPEC-APL431 Datasheet
500Kb / 16P
   Adjustable Precision Shunt Regulator
APL431AAC-PB ANPEC-APL431AAC-PB Datasheet
500Kb / 16P
   Adjustable Precision Shunt Regulator
APL431AAC-PBL ANPEC-APL431AAC-PBL Datasheet
500Kb / 16P
   Adjustable Precision Shunt Regulator
APL431AAC-TB ANPEC-APL431AAC-TB Datasheet
500Kb / 16P
   Adjustable Precision Shunt Regulator
APL431AAC-TBL ANPEC-APL431AAC-TBL Datasheet
500Kb / 16P
   Adjustable Precision Shunt Regulator
More results


Similar Description - APL431LBBI-TB

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com