Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5301-40A Datasheet (PDF) - Anpec Electronics Coropration

APL5301-40A Datasheet PDF - Anpec Electronics Coropration
Part # APL5301-40A
Download  APL5301-40A Download

File Size   193.26 Kbytes
Page   19 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Low IQ, Low Dropout 300mA Fixed Voltage Regulator

APL5301-40A Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5301-40A Datasheet PDF - Anpec Electronics Coropration

Part # APL5301-40A
Download  APL5301-40A Click to download

File Size   193.26 Kbytes
Page   19 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Low IQ, Low Dropout 300mA Fixed Voltage Regulator

APL5301-40A Datasheet (HTML) - Anpec Electronics Coropration

Back Button APL5301-40A Datasheet HTML 1Page - Anpec Electronics Coropration APL5301-40A Datasheet HTML 2Page - Anpec Electronics Coropration APL5301-40A Datasheet HTML 3Page - Anpec Electronics Coropration APL5301-40A Datasheet HTML 4Page - Anpec Electronics Coropration APL5301-40A Datasheet HTML 5Page - Anpec Electronics Coropration APL5301-40A Datasheet HTML 6Page - Anpec Electronics Coropration APL5301-40A Datasheet HTML 7Page - Anpec Electronics Coropration APL5301-40A Datasheet HTML 8Page - Anpec Electronics Coropration APL5301-40A Datasheet HTML 9Page - Anpec Electronics Coropration APL5301-40A Datasheet HTML 10Page - Anpec Electronics Coropration Next Button 

APL5301-40A Product details

General Description
The APL5301/2 series are micropower, low noise, low dropout linear regulators, which operate from 3V to 6V input voltage and deliver up to 300mA. Typical dropout voltage is only 260mV at 300mA loading. Designed for use in battery-powered system, the low 50uA quiescent current makes it an ideal choice. Design with an internal P-channel MOSFET pass transistor, the APL5301/2 maintain a low supply current, independent of the load current and dropout voltage.
Other features include reverse current protection, thermal-shutdown protection, current limit protection to ensure specified output current and controlled short circuit current. The APL5301/2 regulators come in a miniature SOP-8, SOT-23, SOT-23-5, SOT-89 and SOT-89-5 packages.

Features
• Low Quiescent Current : 50uA (No load)
• Low Dropout Voltage : 400mV (VOUT(Nominal)=3.0V Version @300mA)
• Very low Shutdown Current : < 0.5uA
• Fixed Output Voltage : 1.3V ~ 5.0V by step 0.1V increment
• Stable with 1uF Output Capacitor
• Stable with Aluminum, Tantalum or CeramicCapacitors .
• Reverse Current Protection
• No Protection Diodes Needed
• Built in Thermal Protection
• Built in Current Limit Protection
• Controlled Short Circuit Current : 50mA
• Fast Transient Response
• Short Setting Time
• SOP-8, SOT-23, SOT-23-5, SOT-89, and SOT-89-5 Packages

Applications
• Notebook Computer
• PDA or Portable Equipments
• Noise-Sensitive Instrumentation Systems




Similar Part No. - APL5301-40A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15A ANPEC-APL5308-15A Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15A ANPEC-APL5308-15A Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15AC ANPEC-APL5308-15AC Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
More results


Similar Description - APL5301-40A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Richtek Technology Corp...
RT9078 RICHTEK-RT9078_V01 Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com