Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5152-29B Datasheet (PDF) - Anpec Electronics Coropration

APL5152-29B Datasheet PDF - Anpec Electronics Coropration
Part # APL5152-29B
Download  APL5152-29B Download

File Size   881.78 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Low IQ, Low Dropout 150mA Fixed Voltage Regulator

APL5152-29B Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5152-29B Datasheet PDF - Anpec Electronics Coropration

Part # APL5152-29B
Download  APL5152-29B Click to download

File Size   881.78 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Low IQ, Low Dropout 150mA Fixed Voltage Regulator

APL5152-29B Datasheet (HTML) - Anpec Electronics Coropration

Back Button APL5152-29B Datasheet HTML 1Page - Anpec Electronics Coropration APL5152-29B Datasheet HTML 2Page - Anpec Electronics Coropration APL5152-29B Datasheet HTML 3Page - Anpec Electronics Coropration APL5152-29B Datasheet HTML 4Page - Anpec Electronics Coropration APL5152-29B Datasheet HTML 5Page - Anpec Electronics Coropration APL5152-29B Datasheet HTML 6Page - Anpec Electronics Coropration APL5152-29B Datasheet HTML 7Page - Anpec Electronics Coropration APL5152-29B Datasheet HTML 8Page - Anpec Electronics Coropration APL5152-29B Datasheet HTML 9Page - Anpec Electronics Coropration APL5152-29B Datasheet HTML 10Page - Anpec Electronics Coropration Next Button 

APL5152-29B Product details

General Description

TheAPL5151/2/3/4is micropower, lownoise, lowdrop out linear regulator. Operate from 3V to 6V input voltage and deliver up to 150mA. Typical output noise is just 60uVRMS with the addition of an external 0.33uF bypass capacitor in BP pin and typical dropout voltage is only 220mV at 150mA loading. Designed for use in battery-powered system, the low 50uA quiescent current makes it an ideal choice. Design with an internal P-channel MOSFET pass transistor, the APL5151/2/3/4 maintains a low supply current, independent of the load current and dropout voltage. Other features include reverse current protection, thermal-shutdown protection, current limit protection to ensure specified output current and controlled short-circuit current. TheAPL5151/2/3/4regulatorscomeinaminiatureSOT-23-5 package.



Features

· Low Noise : 60uV RMS (100Hz to 100kHz)

· Low Quiescent Current : 50uA

· Low Dropout Voltage : 300mV (VOUT(Nominal)=3.0V Version @150mA)

· Very low Shutdown Current : < 0.5uA

· Fixed Output Voltage : 1.3V,1.4V,1.5V,1.6V,

   1.7V,1.8V,1.9V, 2.0V,2.1V,2.2V,2.3V,2.4V,

   2.5V,2.6V,2.7V, 2.8V, 2.85V,2.9V,3.0V,3.1V,

   3.2V,3.3V,3.4V, 3.5V, 5.0V

· Stable with 1uF Output Capacitor

· Stable with Aluminum , Tantalum or Ceramic Capacitors

· Reverse Current Protection

· No Protection Diodes Needed

· Built in Thermal Protection

· Built in Current Limit Protection

· Controlled Short Circuit Current : 50mA

· Fast transient Response

· Short Setting Time

· SOT-23-5 Package

· Lead Free Available (RoHS Compliant)



Applications

· Notebook Computer

· PDA or Portable Equipments

· Noise-Sensitive Instrumentation Systems




Similar Part No. - APL5152-29B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155 Datasheet
302Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533BI-TRG ANPEC-APL515533BI-TRG Datasheet
302Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533BI-TRG ANPEC-APL515533BI-TRG Datasheet
233Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533DI-TRG ANPEC-APL515533DI-TRG Datasheet
302Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533DI-TRG ANPEC-APL515533DI-TRG Datasheet
233Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
More results


Similar Description - APL5152-29B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com