Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APM7316KC-TU Datasheet (PDF) - Anpec Electronics Coropration

APM7316KC-TU Datasheet PDF - Anpec Electronics Coropration
Part # APM7316KC-TU
Download  APM7316KC-TU Download

File Size   120.14 Kbytes
Page   10 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual N-Channel Enhancement Mode MOSFET

APM7316KC-TU Datasheet (PDF)

Go To PDF Page Download Datasheet
APM7316KC-TU Datasheet PDF - Anpec Electronics Coropration

Part # APM7316KC-TU
Download  APM7316KC-TU Click to download

File Size   120.14 Kbytes
Page   10 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual N-Channel Enhancement Mode MOSFET

APM7316KC-TU Datasheet (HTML) - Anpec Electronics Coropration

APM7316KC-TU Datasheet HTML 1Page - Anpec Electronics Coropration APM7316KC-TU Datasheet HTML 2Page - Anpec Electronics Coropration APM7316KC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APM7316KC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APM7316KC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APM7316KC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APM7316KC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APM7316KC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APM7316KC-TU Datasheet HTML 9Page - Anpec Electronics Coropration APM7316KC-TU Datasheet HTML 10Page - Anpec Electronics Coropration

APM7316KC-TU Product details

Features
• 20V/6A,
    RDS(ON) =25mΩ(typ.) @ VGS = 4.5V
    RDS(ON) =40mΩ(typ.) @ VGS = 2.5V
• Super High Dense Cell Design
• Reliable and Rugged
• Lead Free Available (RoHS Compliant)

Applications
• Power Management in Notebook Computer, Portable Equipment and Battery Powered Systems




Similar Part No. - APM7316KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7316 ANPEC-APM7316 Datasheet
126Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
More results


Similar Description - APM7316KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com