Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5506-27OC Datasheet (PDF) - Anpec Electronics Coropration

APL5506-27OC Datasheet PDF - Anpec Electronics Coropration
Part # APL5506-27OC
Download  APL5506-27OC Download

File Size   231.52 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 500mA Regulator Reset IC

APL5506-27OC Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5506-27OC Datasheet PDF - Anpec Electronics Coropration

Part # APL5506-27OC
Download  APL5506-27OC Click to download

File Size   231.52 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 500mA Regulator Reset IC

APL5506-27OC Datasheet (HTML) - Anpec Electronics Coropration

Back Button APL5506-27OC Datasheet HTML 1Page - Anpec Electronics Coropration APL5506-27OC Datasheet HTML 2Page - Anpec Electronics Coropration APL5506-27OC Datasheet HTML 3Page - Anpec Electronics Coropration APL5506-27OC Datasheet HTML 4Page - Anpec Electronics Coropration APL5506-27OC Datasheet HTML 5Page - Anpec Electronics Coropration APL5506-27OC Datasheet HTML 6Page - Anpec Electronics Coropration APL5506-27OC Datasheet HTML 7Page - Anpec Electronics Coropration APL5506-27OC Datasheet HTML 8Page - Anpec Electronics Coropration APL5506-27OC Datasheet HTML 9Page - Anpec Electronics Coropration APL5506-27OC Datasheet HTML 10Page - Anpec Electronics Coropration Next Button 

APL5506-27OC Product details

General Description
The APL5505/6/7 is micropower, low noise , low dropout regulators with a reset function (regulator input (APL5505) or specific voltage(APL5506/7) monitoring), and internal delay circuit, set to detect 3.9V or 4.2V. Operate from 3V to 6V input voltage and deliver up to 500mA. Typical output noise is just 180uVRMS with an external 0.01uF bypass capacitor connected in BP pin and the typical dropout voltage is only 300mV at 500mA loading. Design with an internal P-channel MOSFET pass transistor, the APL5505/6/7 maintains a low supply current, independent of the load current and dropout voltage. Other features include reverse current protection, thermal-shutdown protection, current limit protection to ensure specified output current and controlled short-circuit current. The APL5505/6/7 regulators come in miniature SOP-8, TSSOP-8 and MSOP-8 packages.

Features
• Low Quiescent Current : 120uA (No load)
• Low Dropout Voltage : 300mV (VOUT=3.3V@ 500mA)
• Fixed Output Voltage : 1.3V,1.4V,1.5V,1.6V,
   1.7V,1.8V,1.9V, 2.0V,2.1V,2.2V,2.3V,2.4V,
   2.5V,2.6V,2.7V, 2.8V,2.9V,3.0V,3.1V,3.2V,
   3.3V,3.4V.
• Stable with 4.7uF Output Capacitor
• Stable with Aluminum , Tantalum or Ceramic Capacitors .
• Reverse Current Protection
• No Protection Diodes Needed
• Built in Thermal Protection
• Built in Current Limit Protection
• Controlled Short Circuit Current : 50mA
• Fast transient Response
• Short Setting Time
• SOP-8,TSSOP-8 and MSOP-8 Packages.
• Adjustment-free Reset Detection Voltage :
   3.9V or 4.2V typ.
• Easy to Set Delay Time from Voltage
   Detection to Reset Release.
• Reset and Reset output

Applications
• CD-ROM drive.




Similar Part No. - APL5506-27OC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13BC ANPEC-APL5501-13BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13DC ANPEC-APL5501-13DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14BC ANPEC-APL5501-14BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14DC ANPEC-APL5501-14DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
More results


Similar Description - APL5506-27OC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5551 ANPEC-APL5551 Datasheet
316Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5546 ANPEC-APL5546 Datasheet
311Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5525 ANPEC-APL5525 Datasheet
172Kb / 14P
   DUAL CHANNEL 500mA REGULATOR - RESET IC
logo
Mitsumi Electronics, Co...
MM3413 MITSUMI-MM3413 Datasheet
121Kb / 11P
   500mA Regulator IC
MM344XX MITSUMI-MM344XX Datasheet
98Kb / 8P
   500mA Regulator IC
MM1481 MITSUMI-MM1481 Datasheet
80Kb / 6P
   RegulatorReset IC
MM1437 MITSUMI-MM1437 Datasheet
118Kb / 6P
   RegulatorReset IC
logo
Unisonic Technologies
LR478 UTC-LR478_11 Datasheet
165Kb / 8P
   REGULATORRESET IC
LR478 UTC-LR478_13 Datasheet
240Kb / 8P
   REGULATORRESET IC
logo
Mitsumi Electronics, Co...
MM1478 MITSUMI-MM1478 Datasheet
67Kb / 6P
   RegulatorReset IC
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com