Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5308-18DC Datasheet (PDF) - Anpec Electronics Coropration

APL5308-18DC Datasheet PDF - Anpec Electronics Coropration
Part # APL5308-18DC
Download  APL5308-18DC Download

File Size   157.71 Kbytes
Page   13 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Low IQ, Low Dropout 300mA Fixed Voltage Regulator

APL5308-18DC Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5308-18DC Datasheet PDF - Anpec Electronics Coropration

Part # APL5308-18DC
Download  APL5308-18DC Click to download

File Size   157.71 Kbytes
Page   13 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Low IQ, Low Dropout 300mA Fixed Voltage Regulator

APL5308-18DC Datasheet (HTML) - Anpec Electronics Coropration

Back Button APL5308-18DC Datasheet HTML 1Page - Anpec Electronics Coropration APL5308-18DC Datasheet HTML 2Page - Anpec Electronics Coropration APL5308-18DC Datasheet HTML 3Page - Anpec Electronics Coropration APL5308-18DC Datasheet HTML 4Page - Anpec Electronics Coropration APL5308-18DC Datasheet HTML 5Page - Anpec Electronics Coropration APL5308-18DC Datasheet HTML 6Page - Anpec Electronics Coropration APL5308-18DC Datasheet HTML 7Page - Anpec Electronics Coropration APL5308-18DC Datasheet HTML 8Page - Anpec Electronics Coropration APL5308-18DC Datasheet HTML 9Page - Anpec Electronics Coropration APL5308-18DC Datasheet HTML 10Page - Anpec Electronics Coropration Next Button 

APL5308-18DC Product details

General  Description
The APL5308/9 series are micropower, low dropout lin ear regulators, which operate from 2.7V to 6V input voltage and  del i ver up to  300mA. Typical  dropout  voltage is  only  400mV  at  300mA  l oadi ng. Desi gned  for   use  in battery-powered  system,  the low  60mA  qui escent current makes it an ideal choice. Design with an internal P-channel MOSFET pass transistor, the  APL5308/9 maintain a low supply current, independent  of  the  load  current  and dropout  voltage.  Other  features  include  thermal-shutdown   p rotection  current   limit   protection to   ensure specified  output current and controlled  short-circuit current . The APL5308/ 9  regulators  come  in  a  miniature SOT-23-3, SOT-23-5, and SOT-89 packages.



Features

• Low  Quiescent Current : 60mA (No load)

• Low  Dropout V oltage : 400mV (@300mA)

• Fixed  Output  V oltage  :  1.5V ~ 4.5V by Step 0.1V Increment

• Stable  with  Aluminum, T antalum, or  Ceramic Capacitors

• No  Protection  Diodes  Needed

• Built-in  Thermal  Protection

• Built-in  Current-Limit  Protection

• Controlled  Short  Circuit  Current  :  50mA

• Fast Transient Response

• Short Setting Time

• SOT-23-3, SOT-23-5, and SOT-89 Packages








Similar Part No. - APL5308-18DC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308-18A ANPEC-APL5308-18A Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-18B ANPEC-APL5308-18B Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
More results


Similar Description - APL5308-18DC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Richtek Technology Corp...
RT9078 RICHTEK-RT9078_V01 Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com