Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7037ARC-TU Datasheet (PDF) - Anpec Electronics Coropration

APW7037ARC-TU Datasheet PDF - Anpec Electronics Coropration
Part # APW7037ARC-TU
Download  APW7037ARC-TU Download

File Size   123.12 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 8-PIN Synchronous Buck PWM Controller

APW7037ARC-TU Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7037ARC-TU Datasheet PDF - Anpec Electronics Coropration

Part # APW7037ARC-TU
Download  APW7037ARC-TU Click to download

File Size   123.12 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 8-PIN Synchronous Buck PWM Controller

APW7037ARC-TU Datasheet (HTML) - Anpec Electronics Coropration

Back Button APW7037ARC-TU Datasheet HTML 1Page - Anpec Electronics Coropration APW7037ARC-TU Datasheet HTML 2Page - Anpec Electronics Coropration APW7037ARC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APW7037ARC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APW7037ARC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APW7037ARC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APW7037ARC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APW7037ARC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APW7037ARC-TU Datasheet HTML 9Page - Anpec Electronics Coropration APW7037ARC-TU Datasheet HTML 10Page - Anpec Electronics Coropration Next Button 

APW7037ARC-TU Product details

General Description

The  APW7037 series are designed to provide a low cost synchronous Buck regulator for on-board DC to  DC converter  applications.  The APW7037  series  together  with dual N-channel MOSFET s  such as APM7313, provide  a low cost solution for such applications. Each device features an internal 200/400kHz oscillator , Power-On-Reset (POR)  for  both VCC  and  VC  suppli es,  an  external  programmabl e  soft-start  functi on  as  well   as  output  under voltage detection that latches off the device when an out put short is detected.



Features

• Operating with Single 5V or 12V Input

• Drives  N-Channel MOSFET s

• Simple Single-Loop Control Design

  - Voltage-Mode PWM Control

  -  Full  0%  to  100%  Duty  Ratio

  - Fast Transient Response

• ±2% Output Voltage Accuracy Over Temperature

• Under-Voltage Protection for Output

• 200/400kHz Constant Frequency Operation

  - 200kHz for APW7037B

  - 400kHz for APW7037A

• Small size, 8-PIN Package (SOIC or TSSOP)

• Lead Free and Green Devices Available(RoHS  Compliant)



Applications

• Graphics Cards

• DDR Memory Power Supply

• DDR Memory T ermination V oltage

• Low-V oltage  Distributed Power Supplies




Similar Part No. - APW7037ARC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7037A ANPEC-APW7037A Datasheet
221Kb / 11P
   8-PIN Synchronous Buck PWMController
APW7037AKC-TRG ANPEC-APW7037AKC-TRG Datasheet
221Kb / 11P
   8-PIN Synchronous Buck PWMController
APW7037AKC-TRL ANPEC-APW7037AKC-TRL Datasheet
221Kb / 11P
   8-PIN Synchronous Buck PWMController
APW7037AOC-TRG ANPEC-APW7037AOC-TRG Datasheet
221Kb / 11P
   8-PIN Synchronous Buck PWMController
APW7037AOC-TRL ANPEC-APW7037AOC-TRL Datasheet
221Kb / 11P
   8-PIN Synchronous Buck PWMController
More results


Similar Description - APW7037ARC-TU

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU3037 A-POWER-APU3037 Datasheet
199Kb / 18P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSTR IRF-IRU3037CSTR Datasheet
167Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3137 IRF-IRU3137 Datasheet
169Kb / 19P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037 IRF-IRU3037 Datasheet
220Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Advanced Power Electron...
APU3137 A-POWER-APU3137 Datasheet
184Kb / 17P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSPBF IRF-IRU3037CSPBF Datasheet
173Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
   Synchronous Buck PWM Controller
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com