Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMN1M8D-85 Datasheet (PDF) - Hanbit Electronics Co.,Ltd

HMN1M8D-85 Datasheet PDF - Hanbit Electronics Co.,Ltd
Part # HMN1M8D-85
Download  HMN1M8D-85 Download

File Size   167.99 Kbytes
Page   9 Pages
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd
Description Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 36Pin-DIP, 5V

HMN1M8D-85 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMN1M8D-85 Datasheet PDF - Hanbit Electronics Co.,Ltd

Part # HMN1M8D-85
Download  HMN1M8D-85 Click to download

File Size   167.99 Kbytes
Page   9 Pages
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd
Description Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 36Pin-DIP, 5V

HMN1M8D-85 Datasheet (HTML) - Hanbit Electronics Co.,Ltd

HMN1M8D-85 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMN1M8D-85 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMN1M8D-85 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMN1M8D-85 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMN1M8D-85 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMN1M8D-85 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMN1M8D-85 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMN1M8D-85 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMN1M8D-85 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd

HMN1M8D-85 Product details

GENERAL DESCRIPTION
The HMN1M8D Nonvolatile SRAM is a 8,388,608-bit static RAM organized as 1,048,576 bytes by 8 bits. The HMN1M8D has a self-contained lithium energy source provide reliable non-volatility coupled with the unlimited write cycles of standard SRAM and integral control circuitry which constantly monitors the single 5V supply for an out-oftolerance condition. When such a condition occurs, the lithium energy source is automatically switched on to sustain the memory until after VCC returns valid and write protection is unconditionally enabled to prevent garbled data. In addition the SRAM is unconditionally write-protected to prevent an inadvertent write operation. At this time the integral energy source is switched on to sustain the memory until after VCC returns valid.
The HMN1M8D uses extremely low standby current CMOS SRAM’s, coupled with small lithium coin cells to provide nonvolatility without long write-cycle times and the write-cycle limitations associated with EEPROM.

FEATURES
♦ Access time : 70, 85, 120, 150 ns
♦ High-density design : 8Mbit Design
♦ Battery internally isolated until power is applied
♦ Industry-standard 36-pin 1,024K x 8 pinout
♦ Unlimited write cycles
♦ Data retention in the absence of VCC
♦ 10-years minimum data retention in absence of power
♦ Automatic write-protection during power-up/power-down cycles
♦ Data is automatically protected during power loss




Similar Part No. - HMN1M8D-85

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMN1M8DE DLGHANBIT-HMN1M8DE Datasheet
569Kb / 7P
   Non-Volatile SRAM MODULE 8Mbit (1,024K x 8-Bit), 36Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1M8DN HANBIT-HMN1M8DN Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
HMN1M8DN-120 HANBIT-HMN1M8DN-120 Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
HMN1M8DN-120I HANBIT-HMN1M8DN-120I Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
HMN1M8DN-150 HANBIT-HMN1M8DN-150 Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
More results


Similar Description - HMN1M8D-85

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMN1M8DE DLGHANBIT-HMN1M8DE Datasheet
569Kb / 7P
   Non-Volatile SRAM MODULE 8Mbit (1,024K x 8-Bit), 36Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1M8DN HANBIT-HMN1M8DN Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
HMN2M8D HANBIT-HMN2M8D Datasheet
175Kb / 9P
   Non-Volatile SRAM MODULE 16Mbit (2,048K x 8-Bit), 36Pin-DIP, 5V
HMN1M8DV HANBIT-HMN1M8DV Datasheet
196Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 36Pin-DIP, 3.3V
HMN2568D HANBIT-HMN2568D Datasheet
185Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
HMN5128D HANBIT-HMN5128D Datasheet
174Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
HMN328D DLGHANBIT-HMN328D Datasheet
476Kb / 7P
   Non-Volatile SRAM MODULE 256Kbit (32K x 8-Bit),28Pin DIP, 5V
HMN5128D DLGHANBIT-HMN5128D Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
More results




About Hanbit Electronics Co.,Ltd


Hanbit Electronics Co., Ltd is a South Korean company that specializes in the design and manufacturing of electronic components and modules for a variety of industries. Their product portfolio includes passive components such as resistors, capacitors, and inductors, as well as active components such as ICs and LEDs.

Hanbit Electronics has a strong focus on research and development, and they have a team of experienced engineers who work on developing new products and technologies. They also have a global network of sales and distribution channels, which allows them to provide their products and services to customers around the world.

Some of the key industries that Hanbit Electronics serves include automotive, telecommunications, consumer electronics, and industrial equipment. Their products are used in a variety of applications, such as power supplies, lighting systems, display panels, and communication devices.

Hanbit Electronics is committed to providing high-quality products and services to their customers, and they have received various certifications for their quality management systems, including ISO 9001 and ISO/TS 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com