Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GDZ3.9B Datasheet (PDF) - EIC discrete Semiconductors

GDZ3.9B Datasheet PDF - EIC discrete Semiconductors
Part # GDZ3.9B
Download  GDZ3.9B Download

File Size   40.35 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description ZENER DIODES

GDZ3.9B Datasheet (PDF)

Go To PDF Page Download Datasheet
GDZ3.9B Datasheet PDF - EIC discrete Semiconductors

Part # GDZ3.9B
Download  GDZ3.9B Click to download

File Size   40.35 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description ZENER DIODES

GDZ3.9B Datasheet (HTML) - EIC discrete Semiconductors

GDZ3.9B Datasheet HTML 1Page - EIC discrete Semiconductors GDZ3.9B Datasheet HTML 2Page - EIC discrete Semiconductors

GDZ3.9B Product details

VZ : 2.2 to 36 Volts
PD : 200 mW

FEATURES :
• Silicon planar power zener diodes.
• Low Zener impredance and low leakage current
• Popular in Asian designs
• Compact surface miunt device
• Ideal for automated mounting
• Pb / RoHS Free

MECHANICAL DATA :
   Case: SOD-323 Plastic Package
   Weight: approx. 0.004g



Similar Part No. - GDZ3.9B

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
GDZ3.9B SYNSEMI-GDZ3.9B Datasheet
77Kb / 2P
   ZENER DIODES
logo
Frontier Electronics.
GDZ3.9B FRONTIER-GDZ3.9B Datasheet
125Kb / 4P
   500m WATT ZENER DIODE
logo
Formosa MS
GDZ3.9B FORMOSA-GDZ3.9B Datasheet
419Kb / 4P
   Zener diode
More results


Similar Description - GDZ3.9B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com