Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC-161AGIEY Datasheet (PDF) - List of Unclassifed Manufacturers

AC-161AGIEY Datasheet PDF - List of Unclassifed Manufacturers
Part # AC-161AGIEY
Download  AC-161AGIEY Download

File Size   187.02 Kbytes
Page   19 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description SPECIFICATIONS FOR LCD MODULE

AC-161AGIEY Datasheet (PDF)

Go To PDF Page Download Datasheet
AC-161AGIEY Datasheet PDF - List of Unclassifed Manufacturers

Part # AC-161AGIEY
Download  AC-161AGIEY Click to download

File Size   187.02 Kbytes
Page   19 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description SPECIFICATIONS FOR LCD MODULE

AC-161AGIEY Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button AC-161AGIEY Datasheet HTML 1Page - List of Unclassifed Manufacturers AC-161AGIEY Datasheet HTML 2Page - List of Unclassifed Manufacturers AC-161AGIEY Datasheet HTML 3Page - List of Unclassifed Manufacturers AC-161AGIEY Datasheet HTML 4Page - List of Unclassifed Manufacturers AC-161AGIEY Datasheet HTML 5Page - List of Unclassifed Manufacturers AC-161AGIEY Datasheet HTML 6Page - List of Unclassifed Manufacturers AC-161AGIEY Datasheet HTML 7Page - List of Unclassifed Manufacturers AC-161AGIEY Datasheet HTML 8Page - List of Unclassifed Manufacturers AC-161AGIEY Datasheet HTML 9Page - List of Unclassifed Manufacturers AC-161AGIEY Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

AC-161AGIEY Product details

[AMPIRE CO., LTD.]

SPECIFICATIONS FOR LCD MODULE

FEATURES
• Display format : 16 characters x 1 lines
• Construction : TN/STN LCD panel, Bezel, Zebra and PCB.
• Optional Array LED or EL back-light.
• Controller : KS0066U or Equivalent.
• 5V single power input. (Special request for 3.3V driving, built-in DC/DC converter.)
• Normal / Extended temperature type.
• Excellent LC : VOP maintains at 5 V for whole temp. range, no eed extra temp. compensation circuit.




Similar Part No. - AC-161AGIEY

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AC-161JYILY-70 ZETTLER-AC-161JYILY-70 Datasheet
256Kb / 17P
   SPECIFICATIONS FOR LCD MODULE
More results


Similar Description - AC-161AGIEY

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com