Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS881E36BT-333I Datasheet (PDF) - GSI Technology

GS881E36BT-333I Datasheet PDF - GSI Technology
Part # GS881E36BT-333I
Download  GS881E36BT-333I Download

File Size   902.5 Kbytes
Page   40 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs

GS881E36BT-333I Datasheet (PDF)

Go To PDF Page Download Datasheet
GS881E36BT-333I Datasheet PDF - GSI Technology

Part # GS881E36BT-333I
Download  GS881E36BT-333I Click to download

File Size   902.5 Kbytes
Page   40 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs

GS881E36BT-333I Datasheet (HTML) - GSI Technology

Back Button GS881E36BT-333I Datasheet HTML 1Page - GSI Technology GS881E36BT-333I Datasheet HTML 2Page - GSI Technology GS881E36BT-333I Datasheet HTML 3Page - GSI Technology GS881E36BT-333I Datasheet HTML 4Page - GSI Technology GS881E36BT-333I Datasheet HTML 5Page - GSI Technology GS881E36BT-333I Datasheet HTML 6Page - GSI Technology GS881E36BT-333I Datasheet HTML 7Page - GSI Technology GS881E36BT-333I Datasheet HTML 8Page - GSI Technology GS881E36BT-333I Datasheet HTML 9Page - GSI Technology GS881E36BT-333I Datasheet HTML 10Page - GSI Technology Next Button 

GS881E36BT-333I Product details

Functional Description
Applications
The GS881E18B(T/D)/GS881E32B(D)/GS881E36B(T/D) is a 9,437,184-bit high performance synchronous SRAM with a 2-bit burst address counter. Although of a type originally developed for Level 2 Cache applications supporting high performance CPUs, the device now finds application in synchronous SRAM applications, ranging from DSP main store to networking chip set support.

Features
• FT pin for user-configurable flow through or pipeline operation
• Dual Cycle Deselect (DCD) operation
• IEEE 1149.1 JTAG-compatible Boundary Scan
• 2.5 V or 3.3 V +10%/–10% core power supply
• 2.5 V or 3.3 V I/O supply
• LBO pin for Linear or Interleaved Burst mode
• Internal input resistors on mode pins allow floating mode pins
• Default to Interleaved Pipeline mode
• Byte Write (BW) and/or Global Write (GW) operation
• Internal self-timed write cycle
• Automatic power-down for portable applications
• JEDEC-standard 100-lead TQFP and 165-bump BGA packages




Similar Part No. - GS881E36BT-333I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881E36BT-150IV GSI-GS881E36BT-150IV Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E36BT-150V GSI-GS881E36BT-150V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E36BT-200IV GSI-GS881E36BT-200IV Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E36BT-200V GSI-GS881E36BT-200V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E36BT-250IV GSI-GS881E36BT-250IV Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Similar Description - GS881E36BT-333I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F18BT GSI-GS880F18BT Datasheet
599Kb / 27P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18T-V GSI-GS881E18T-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT-V GSI-GS88118BT-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT GSI-GS88118BT Datasheet
1Mb / 39P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018BT GSI-GS88018BT Datasheet
602Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F18BT-V GSI-GS880F18BT-V Datasheet
844Kb / 21P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results




About GSI Technology


GSI Technology is a semiconductor company that designs, develops, and markets high-performance memory products for networking, telecommunications, and military applications. The company was founded in 1995 and is headquartered in Sunnyvale, California.

GSI Technology's products include static random-access memory (SRAM) devices, which are used for high-speed memory access in networking and telecommunications equipment, as well as in military and aerospace systems. The company's SRAMs feature low latency and high bandwidth, which makes them suitable for applications that require fast and reliable memory access.

In addition to its memory products, GSI Technology also offers customized solutions for customers with specific requirements. The company's design and development capabilities allow it to create products tailored to customer needs, including specialized memory architectures and custom packaging options.

GSI Technology has a global customer base, with products sold in North America, Asia, and Europe. The company's customers include original equipment manufacturers (OEMs) and other companies in the networking, telecommunications, military, and aerospace industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com