Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS74108ATP-8 Datasheet (PDF) - GSI Technology

GS74108ATP-8 Datasheet PDF - GSI Technology
Part # GS74108ATP-8
Download  GS74108ATP-8 Download

File Size   613.23 Kbytes
Page   13 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 512K x 8 4Mb Asynchronous SRAM

GS74108ATP-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS74108ATP-8 Datasheet PDF - GSI Technology

Part # GS74108ATP-8
Download  GS74108ATP-8 Click to download

File Size   613.23 Kbytes
Page   13 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 512K x 8 4Mb Asynchronous SRAM

GS74108ATP-8 Datasheet (HTML) - GSI Technology

Back Button GS74108ATP-8 Datasheet HTML 1Page - GSI Technology GS74108ATP-8 Datasheet HTML 2Page - GSI Technology GS74108ATP-8 Datasheet HTML 3Page - GSI Technology GS74108ATP-8 Datasheet HTML 4Page - GSI Technology GS74108ATP-8 Datasheet HTML 5Page - GSI Technology GS74108ATP-8 Datasheet HTML 6Page - GSI Technology GS74108ATP-8 Datasheet HTML 7Page - GSI Technology GS74108ATP-8 Datasheet HTML 8Page - GSI Technology GS74108ATP-8 Datasheet HTML 9Page - GSI Technology GS74108ATP-8 Datasheet HTML 10Page - GSI Technology Next Button 

GS74108ATP-8 Product details

Description
The GS74108A is a high speed CMOS Static RAM organized as 524,288 words by 8 bits. Static design eliminates the need for external clocks or timing strobes. The GS74108A operates on a single 3.3 V power supply and all inputs and outputs are TTL-compatible. The GS74108A is available in 400 mil SOJ, 400 mil TSOP-II, and 6 mm x 10 mm FPBGA packages.

Features
• Fast access time: 8, 10, 12 ns
• CMOS low power operation: 120/95/85 mA at minimum cycle time
• Single 3.3 V power supply
• All inputs and outputs are TTL-compatible
• Fully static operation
• Industrial Temperature Option: –40° to 85°C
• Package line up
    J: 400 mil, 36-pin SOJ package
    GJ: RoHS-compliant 400 mil, 36-pin SOJ package
    TP: 400 mil, 44-pin TSOP-II package
    GP: RoHS-compliant 400 mil, 44-pin TSOP-II package
    X: 6 mm x 10 mm FPBGA package
    GX: RoHS-compliant 6 mm x 10 mm FPBGA package
• RoHS-compliant packages available




Similar Part No. - GS74108ATP-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS74108J ETC-GS74108J Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
GS74108J-10 ETC-GS74108J-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
GS74108J-10I ETC-GS74108J-10I Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
GS74108J-12 ETC-GS74108J-12 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
GS74108J-12I ETC-GS74108J-12I Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
More results


Similar Description - GS74108ATP-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
logo
GSI Technology
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104ATP GSI-GS74104ATP Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
More results




About GSI Technology


GSI Technology is a semiconductor company that designs, develops, and markets high-performance memory products for networking, telecommunications, and military applications. The company was founded in 1995 and is headquartered in Sunnyvale, California.

GSI Technology's products include static random-access memory (SRAM) devices, which are used for high-speed memory access in networking and telecommunications equipment, as well as in military and aerospace systems. The company's SRAMs feature low latency and high bandwidth, which makes them suitable for applications that require fast and reliable memory access.

In addition to its memory products, GSI Technology also offers customized solutions for customers with specific requirements. The company's design and development capabilities allow it to create products tailored to customer needs, including specialized memory architectures and custom packaging options.

GSI Technology has a global customer base, with products sold in North America, Asia, and Europe. The company's customers include original equipment manufacturers (OEMs) and other companies in the networking, telecommunications, military, and aerospace industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com